Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL502-52SC-R Datasheet(PDF) 5 Page - PhaseLink Corporation

Part # PLL502-52SC-R
Description  Low Phase Noise Divider by 2 VCXO (10MHz to 20MHz)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-52SC-R Datasheet(HTML) 5 Page - PhaseLink Corporation

  PLL502-52SC-R Datasheet HTML 1Page - PhaseLink Corporation PLL502-52SC-R Datasheet HTML 2Page - PhaseLink Corporation PLL502-52SC-R Datasheet HTML 3Page - PhaseLink Corporation PLL502-52SC-R Datasheet HTML 4Page - PhaseLink Corporation PLL502-52SC-R Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PLL502-52
Low Phase Noise Divider by 2 VCXO (10MHz to 20MHz)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 03/14/00 Page 5
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information fur-
nished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the ex-
press written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL502-52 (H) X C
Order Number
Marking
Package Option
PLL502-52OC-R
P502-52OC
TSSOP - Tape and Reel
PLL502-52OC
P502-52OC
TSSOP – Tube
PLL502-52HOC-R
P502-52HOC
TSSOP - Tape and Reel
PLL502-52HOC
P502-52HOC
TSSOP - Tube
PLL502-52SC-R
P502-52SC
SOIC - Tape and Reel
PLL502-52SC
P502-52SC
SOIC - Tube
PLL502-52HSC-R
P502-52HSC
SOIC - Tape and Reel
PLL502-52HSC
P502-52HSC
SOIC - Tube
PART NUMBER
TEMPERATURE
C=COMMERCIAL
I=INDUSTRAL
PACKAGE TYPE
O=TSSOP , S=SOIC
Optional High Drive



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com