Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59M1685CTR Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # SLG59M1685CTR
Description  A Low Power, 10 m廓, 2 A, 0.82 mm2 WLCSP Integrated Power Switch with Multiple Protection Features
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG59M1685CTR Datasheet(HTML) 2 Page - Dialog Semiconductor

  SLG59M1685CTR Datasheet HTML 1Page - Dialog Semiconductor SLG59M1685CTR Datasheet HTML 2Page - Dialog Semiconductor SLG59M1685CTR Datasheet HTML 3Page - Dialog Semiconductor SLG59M1685CTR Datasheet HTML 4Page - Dialog Semiconductor SLG59M1685CTR Datasheet HTML 5Page - Dialog Semiconductor SLG59M1685CTR Datasheet HTML 6Page - Dialog Semiconductor SLG59M1685CTR Datasheet HTML 7Page - Dialog Semiconductor SLG59M1685CTR Datasheet HTML 8Page - Dialog Semiconductor SLG59M1685CTR Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Datasheet
23-Oct-2018
CFR0011-120-01
Revision 1.00
Page 2 of 23
© 2018 Dialog Semiconductor
SLG59M1685C
A Low Power, 10 mΩ, 2 A, 0.82 mm2 WLCSP
Integrated Power Switch with Multiple Protection Features
Pin Description
Ordering Information
Pin #
Pin Name
Type
Pin Description
A2, B2
VIN
Power/
MOSFET
With an internal 1.07 V VIN(UVLO) threshold, VIN supplies the power for the operation of the
IC’s internal control circuitry. This terminal is also the drain terminal connection of the
n-channel MOSFET. Connect a 1 µF (or larger) low-ESR capacitor from this pin to ground.
Capacitors used at the VIN terminal should be rated at 10 V or higher.
A1, B1
VOUT
MOSFET
Source terminal connections of the n-channel MOSFET. Connect a low-ESR capacitor from
this pin to ground and consult the Electrical Characteristics table for recommended CLOAD
range. Capacitors used at VOUT should be rated at 10 V or higher.
C2
ON
Input
A low-to-high transition on this pin initiates the operation of the SLG59M1685C’s state
machine. ON is an asserted HIGH, level-sensitive CMOS input with ON_VIL < 0.25 V and
ON_VIH > 0.85 V. While there is an internal pull-down circuit to GND (~6 MΩ), connect this
pin to a general-purpose output (GPO) of a microcontroller, an application processor, or a
system controller.
C1
GND
GND
Ground connection. Connect this pin to system analog or power ground plane.
Part Number
Type
Production Flow
SLG59M1685C
WLCSP 6L
Industrial, -40
C to 85C
SLG59M1685CTR
WLCSP 6L (Tape and Reel)
Industrial, -40
C to 85 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com