Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46811 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # SLG46811
Description  GreenPAK Programmable Mixed-Signal Matrix
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46811 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button SLG46811 Datasheet HTML 17Page - Dialog Semiconductor SLG46811 Datasheet HTML 18Page - Dialog Semiconductor SLG46811 Datasheet HTML 19Page - Dialog Semiconductor SLG46811 Datasheet HTML 20Page - Dialog Semiconductor SLG46811 Datasheet HTML 21Page - Dialog Semiconductor SLG46811 Datasheet HTML 22Page - Dialog Semiconductor SLG46811 Datasheet HTML 23Page - Dialog Semiconductor SLG46811 Datasheet HTML 24Page - Dialog Semiconductor SLG46811 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 171 page
background image
Datasheet
14-Apr-2021
CFR0011-120-00
Revision 3.0
21 of 171
© 2021 Dialog Semiconductor
SLG46811
GreenPAK Programmable Mixed-Signal Matrix
tstart
ACMP Startup Time
MS ACMP Power-On
delay (regular mode)
--
--
70.8
µs
MS ACMP Power-On
delay (sampling mode),
OSC0 = 10 kHz
Bandgap: Forced On,
OSC0: Forced On
--
--
0.56
ms
MS ACMP Power-On
delay (sampling mode),
OSC0 = 10 kHz
Bandgap: Auto-On,
OSC0: Auto-On
--
--
2.66
ms
MS ACMP Power-On
delay (sampling mode),
OSC0 = 10 kHz
Bandgap: Forced On,
OSC0: Auto-On
--
--
1.23
ms
MS ACMP Power-On
delay (sampling mode),
OSC0 = 10 kHz
Bandgap: Auto-On,
OSC0: Forced On
--
--
2.59
ms
VHYS
Built-in Hysteresis
(Note 1)
VHYS = 32 mV (sampling
mode) (Note 2)
T = 25 °C
23.36
30.22
34.83
mV
VHYS = 64 mV (regular
mode)
T = 25 °C
55.62
61.57
65.58
mV
VHYS = 64 mV (sampling
mode)
55.01
62.16
66.64
mV
VHYS = 192 mV (regular
mode)
T = 25 °C
182.69
189.56
193.88
mV
VHYS = 192 mV (sampling
mode)
182.08
190.14
195.22
mV
VHYS = 32 mV (sampling
mode) (Note 2)
21.08
30.22
37.44
mV
VHYS = 64 mV (regular
mode)
52.29
61.57
67.63
mV
VHYS = 64 mV (sampling
mode)
52.24
62.16
69.77
mV
VHYS = 192 mV (regular
mode)
178.95
189.56
195.75
mV
VHYS = 192 mV (sampling
mode)
179.54
190.14
198.71
mV
Rsin
Series Input
Resistance
Gain = 1x
--
10
--
G
Ω
Gain = 0.5x
1.6
1.9
2.4
M
Ω
Gain = 0.33x
1.6
1.9
2.4
M
Ω
Gain = 0.25x
1.6
1.9
2.4
M
Ω
Table 18: MS ACMP Specifications at T = -40 °C to +85 °C, VDD = 2.3 V to 5.5 V Unless Otherwise Noted (Continued)
Parame
-
ter
Description
Note
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com