Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46855 Datasheet(PDF) 92 Page - Dialog Semiconductor

Part # SLG46855
Description  GreenPAK Programmable Mixed-Signal Matrix
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46855 Datasheet(HTML) 92 Page - Dialog Semiconductor

Back Button SLG46855 Datasheet HTML 88Page - Dialog Semiconductor SLG46855 Datasheet HTML 89Page - Dialog Semiconductor SLG46855 Datasheet HTML 90Page - Dialog Semiconductor SLG46855 Datasheet HTML 91Page - Dialog Semiconductor SLG46855 Datasheet HTML 92Page - Dialog Semiconductor SLG46855 Datasheet HTML 93Page - Dialog Semiconductor SLG46855 Datasheet HTML 94Page - Dialog Semiconductor SLG46855 Datasheet HTML 95Page - Dialog Semiconductor SLG46855 Datasheet HTML 96Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 200 page
background image
Datasheet
23-Jul-2021
CFR0011-120-00
Revision 3.15
92 of 200
© 2021 Dialog Semiconductor
SLG46855
GreenPAK Programmable Mixed-Signal Matrix
9
Analog Comparators
There are two High Speed and two Low Power Rail-to-Rail General Purpose Analog Comparators (ACMP) macrocells in the
SLG46855. In order for the ACMP cells to be used in a GreenPAK design, the power up signals (ACMP0H PWR UP, ACMP1H
PWR UP, ACMP2L PWR UP, and ACMP3L PWR UP) need to be active. By connecting to signals coming from the Connection
Matrix, it is possible to have each ACMP be ON continuously, OFF continuously, or switched on periodically based on a digital
signal coming from the Connection Matrix. When ACMP is powered down, its output is low.
Two of the four General Purpose Analog Comparators are optimized for high speed operation (ACMP0H and ACMP1H), and two
other are optimized for low power operation (ACMP2L and ACMP3L).
Each of the ACMP cells has a positive input signal that can be provided by a variety of external sources, and can also have a
selectable gain stage (1x, 0.5x, 0.33x, 0.25x) before connection to the analog comparator. The gain divider is unbuffered and has
input resistance of 2 M
Ω (typ) for 0.5x, 0.33x, 0.25x, and 10 GΩ for 1x. Each of the ACMP cells has a negative input signal that
is either created from an internal Vref or provided by any external source (GPIO2 and GPO0). Note that the external Vref signal
is filtered with a 2nd order low pass filter with 8 kHz typical bandwidth, see Figure 62 to Figure 65.
Input bias current < 1 nA (typ).
PWR UP = 1 => ACMP is powered up.
PWR UP = 0 => ACMP is powered down.
During power-up, the ACMP output will remain LOW, and then becomes valid in 52 μs (max) after power up signal goes high for
ACMP0H and ACMP1H, and becomes valid 325 μs (max) after power up signal goes high for ACMP2L and ACMP3L.
Each High Speed ACMP (ACMP0H and ACMP1H) has an optional Rail-to-Rail Input Buffer, which can be used along with the
Gain divider to increase ACMP input resistance. However, Input buffer will increase an input offset voltage.
Each cell also has a hysteresis selection, to offer hysteresis of (0, 32, 64, 192) mV. The hysteresis option is available when using
an internal Vref only.
The ACMP0H has an additional option of connecting an internal 100 μA current source to its positive input, register [690]. It is
also possible to connect the 100 μA current source to each next ACMP via an internal analog MUX.
ACMP0H IN+ options are GPIO4, buffered GPIO4, VDD, 100 μA Current Source
ACMP1H IN+ options are GPIO5, buffered GPIO5, ACMP0H IN+ MUX output
ACMP2L IN+ options are GPIO6, ACMP0H IN+ MUX output, ACMP1H IN+ MUX output
ACMP3L IN+ options are GPIO7, ACMP2L IN+ MUX output, Temp Sensor OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com