Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG47105 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # SLG47105
Description  GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47105 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button SLG47105 Datasheet HTML 17Page - Dialog Semiconductor SLG47105 Datasheet HTML 18Page - Dialog Semiconductor SLG47105 Datasheet HTML 19Page - Dialog Semiconductor SLG47105 Datasheet HTML 20Page - Dialog Semiconductor SLG47105 Datasheet HTML 21Page - Dialog Semiconductor SLG47105 Datasheet HTML 22Page - Dialog Semiconductor SLG47105 Datasheet HTML 23Page - Dialog Semiconductor SLG47105 Datasheet HTML 24Page - Dialog Semiconductor SLG47105 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 253 page
background image
Datasheet
31-Aug-2021
CFR0011-120-00
Revision 3.4
21 of 253
© 2021 Dialog Semiconductor
SLG47105
GreenPAK Programmable Mixed-Signal Matrix with High
Voltage Features
tF
Inputs Fall Time
--
--
300
--
--
120
ns
tSU_STO
Stop Set-up Time
600
--
--
260
--
--
ns
tDH
Data OUT Hold Time
50
--
--
50
--
--
ns
Note 1: Please follow official I2C spec UM10204
Table 11: I2C Pins Timing Characteristics, DILV Mode, T = -40°C to +150°C, VDD = 2.3 V to 5.5 V Unless Otherwise Noted
Parameter
Description
Condition
Speed
Unit
400 kHz
Min
Typ
Max
FSCL
Clock Frequency, SCL
--
--
400
kHz
tLOW
Clock Pulse Width Low
1300
--
--
ns
tHIGH
Clock Pulse Width High
600
--
--
ns
tI
Input Filter Spike Suppression (SCL,
SDA)
--
--
50
ns
tAA
Clock Low to Data OUT Valid
--
--
900
ns
tBUF
Bus Free Time between Stop and Start
1300
--
--
ns
tHD_STA
Start Hold Time
600
--
--
ns
tSU_STA
Start Set-up Time
600
--
--
ns
tHD_DAT
Data Hold Time (Note 1)
327
--
--
ns
tSU_DAT
Data Set-up Time (Note 1)
443
--
--
ns
tR
Inputs Rise Time
--
--
300
ns
tF
Inputs Fall Time
--
--
300
ns
tSU_STO
Stop Set-up Time
600
--
--
ns
tDH
Data OUT Hold Time
50
--
--
ns
Note 1 Does not meet standard I2C specifications: tHD_DAT = 0 ns (min), tSU_DAT = 100 ns (min) for Fast-mode
Note 2: Please follow official I2C spec UM10204
Note 3: When SCL Input is in Low-Level Logic mode max frequency is 400kHz
Table 10: I2C Pins Timing Characteristics, DI Mode, T = -40 °C to +150 °C, VDD = 2.3 V to 5.5 V Unless Otherwise Noted
Parameter
Description
Condition
Speed
Unit
400 kHz
1 MHz
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com