Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL520-18SC Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL520-18SC
Description  Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL520-18SC Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL520-18SC Datasheet HTML 1Page - PhaseLink Corporation PLL520-18SC Datasheet HTML 2Page - PhaseLink Corporation PLL520-18SC Datasheet HTML 3Page - PhaseLink Corporation PLL520-18SC Datasheet HTML 4Page - PhaseLink Corporation PLL520-18SC Datasheet HTML 5Page - PhaseLink Corporation PLL520-18SC Datasheet HTML 6Page - PhaseLink Corporation PLL520-18SC Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PLL520-17/-18/-19
Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/20/04 Page 3
2. Crystal Specifications
3. Voltage Control Crystal Oscillator
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
VCXO Stabilization Time *
TVCXOSTB
From power valid
10
ms
VCXO Tuning Range
FXIN = 100 – 200MHz;
XTAL C0/C1 < 250
0V
≤ VCON ≤ 3.3V
200*
ppm
CLK output pullability
VCON=1.65V,
±1.65V
±100*
ppm
On-chip Varicaps control range
VCON = 0 to 3.3V
4 – 18*
pF
Linearity
10*
%
VCXO Tuning Characteristic
65
ppm/V
VCON input impedance
60
k
Ω
VCON modulation BW
0V
≤ VCON ≤ 3.3V, -3dB
25
kHz
Note: Parameters denoted with an asterisk (*) represent nominal characterization data and are not production tested to any specific limits.
4. General Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current (Loaded
Outputs)
IDD
PECL/LVDS/CMOS
100/80/40
mA
Operating Voltage
VDD
2.97
3.63
V
Output Clock Duty Cycle
@ 1.4V (CMOS)
@ 1.25V (LVDS)
@ Vdd – 1.3V (PECL)
45
45
45
50
50
50
55
55
55
%
Short Circuit Current
±50
mA
PARAMETERS
SYMBOL
CONDITIONS
MIN.
MAX.
UNITS
CX+
2
Built-in Capacitance
CX-
2
Inter-electrode capacitance
C0
65MHz to 130MHz
(VDD=3.3V)
2
pF
C0/C1 ratio (gamma)
γ
300
-
Oscillation Frequency
OF
Fund.
120
200
MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com