Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5452575 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5452575
Description  Printed-circuit board connector - BCP-508F- 9 BK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5452575 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5452575 Datasheet HTML 1Page - PHOENIX CONTACT 5452575 Datasheet HTML 2Page - PHOENIX CONTACT 5452575 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/5452575
05/06/2016   Page 1 / 3
Printed-circuit board connector - BCP-508F- 9 BK - 5452575
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 9, Pitch: 5.08 mm,
Connection method: Screw connection with tension sleeve, Color: black, Contact surface: Tin
The figure shows a 5-pos. version of
the product in gray
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
100 pc
Custom tariff number
85366990
Country of origin
China
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27261101
eCl@ss 7.0
27440401
eCl@ss 8.0
27440309
eCl@ss 9.0
27440309
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002638
ETIM 5.0
EC002638


Similar Part No. - 5452575

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452570 PHOENIX-5452570 Datasheet
93Kb / 4P
Printed-circuit board connector - BCP-508F- 4 BK
05/06/2016
5452571 PHOENIX-5452571 Datasheet
91Kb / 3P
Printed-circuit board connector - BCP-508F- 5 BK
5452572 PHOENIX-5452572 Datasheet
93Kb / 4P
Printed-circuit board connector - BCP-508F- 6 BK
05/06/2016
5452573 PHOENIX-5452573 Datasheet
91Kb / 3P
Printed-circuit board connector - BCP-508F- 7 BK
5452574 PHOENIX-5452574 Datasheet
93Kb / 4P
Printed-circuit board connector - BCP-508F- 8 BK
More results

Similar Description - 5452575

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452579 PHOENIX-5452579 Datasheet
93Kb / 4P
Printed-circuit board connector - BCP-508F-13 BK
5452582 PHOENIX-5452582 Datasheet
93Kb / 4P
Printed-circuit board connector - BCP-508F-16 BK
5452585 PHOENIX-5452585 Datasheet
91Kb / 3P
Printed-circuit board connector - BCP-508F-19 BK
5452586 PHOENIX-5452586 Datasheet
93Kb / 4P
Printed-circuit board connector - BCP-508F-20 BK
5452571 PHOENIX-5452571 Datasheet
91Kb / 3P
Printed-circuit board connector - BCP-508F- 5 BK
5452576 PHOENIX-5452576 Datasheet
93Kb / 4P
Printed-circuit board connector - BCP-508F-10 BK
5452578 PHOENIX-5452578 Datasheet
91Kb / 3P
Printed-circuit board connector - BCP-508F-12 BK
5452569 PHOENIX-5452569 Datasheet
93Kb / 4P
Printed-circuit board connector - BCP-508F- 3 BK
5452573 PHOENIX-5452573 Datasheet
91Kb / 3P
Printed-circuit board connector - BCP-508F- 7 BK
5452572 PHOENIX-5452572 Datasheet
93Kb / 4P
Printed-circuit board connector - BCP-508F- 6 BK
05/06/2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com