Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NGTP25N140FST4G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NGTP25N140FST4G
Description  Reading ON Semiconductor IGBT Datasheets
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTP25N140FST4G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NGTP25N140FST4G Datasheet HTML 2Page - ON Semiconductor NGTP25N140FST4G Datasheet HTML 3Page - ON Semiconductor NGTP25N140FST4G Datasheet HTML 4Page - ON Semiconductor NGTP25N140FST4G Datasheet HTML 5Page - ON Semiconductor NGTP25N140FST4G Datasheet HTML 6Page - ON Semiconductor NGTP25N140FST4G Datasheet HTML 7Page - ON Semiconductor NGTP25N140FST4G Datasheet HTML 8Page - ON Semiconductor NGTP25N140FST4G Datasheet HTML 9Page - ON Semiconductor NGTP25N140FST4G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AND9068/D
http://onsemi.com
5
Forward Transconductance, gfs
This is the amount of change in collector current for an
incremental change in the gate to emitter voltage, measured
in Siemens (or Mhos). It is specified at the room temperature
rated current of the device, and typically with the device in
full saturation, where a further increase in collector−emitter
voltage no longer leads to an additional increase in collector
current. A typical collector−emitter voltage used for this test
is 20 V. Figure 5 illustrates the gfs measurement.
Figure 5. Illustration of the Measurement of IGBT gfs
Dynamic Characteristics
Table 4. IGBT Dynamic Electrical Characteristics
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
DYNAMIC CHARACTERISTIC
Input capacitance
VCE = 20 V, VGE = 0 V, f = 1 MHz
Cies
−
2600
−
pF
Output capacitance
Coes
−
64
−
Reverse transfer capacitance
Cres
−
42
−
Gate charge total
VCE = 480 V, IC = 15 A, VGE = 15 V
Qg
80
nC
Gate to emitter charge
Qge
24
Gate to collector charge
Qgc
33
The dynamic electrical characteristics which include
device capacitances and gate charge are given in the
electrical table, as shown in Table 4.
IGBT capacitances are similar to those described for
power MOSFETs. The datasheet describes the measurable
terminal capacitances, Cies, Coes, and Cres. They are
specified in the electrical table at a fixed collector bias
voltage; however, the capacitances are voltage dependant,
as can be seen in Figure 6. The capacitances specified on the
datasheet are convenient and easily measured. They relate to
the pin to pin capacitances shown in Figure 7 and described
below.
VCE, COLLECTOR−TO−EMITTER VOLTAGE (V)
Cies
Coes
Cres
VGE = 0 V,
f = 1 MHz
10000
1000
100
10
0
10
20
30
100
40
60
80
90
70
50
Figure 6. IGBT Capacitance versus Collector−Emitter
Voltage Showing Voltage Dependance of Coes and
Cres



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com