Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11259 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11259
Description  Fully Assembled and Tested
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11259 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11259 Datasheet HTML 1Page - Maxim Integrated Products MAX11259 Datasheet HTML 2Page - Maxim Integrated Products MAX11259 Datasheet HTML 3Page - Maxim Integrated Products MAX11259 Datasheet HTML 4Page - Maxim Integrated Products MAX11259 Datasheet HTML 5Page - Maxim Integrated Products MAX11259 Datasheet HTML 6Page - Maxim Integrated Products MAX11259 Datasheet HTML 7Page - Maxim Integrated Products MAX11259 Datasheet HTML 8Page - Maxim Integrated Products MAX11259 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX11259
MAX11259PMB Peripheral Module
4) Connect the PC to the peripheral module via the
USB2PMB2 adapter board using a micro-USB cable.
5) Start the peripheral module software by opening its
icon in the
Start | Programs menu. The peripheral
module software appears as shown in Figure 1. From
the
Device menu select Standalone. Verify that the
lower left status bar indicates the EV kit hardware is
Connected.
6) Connect the positive terminal of the function genera-
tor to the CH0+ (J11-1) test point on the peripheral
module. Connect the negative terminal of the function
generator to the CH0- (J11-2) test point on the periph-
eral module.
7) Configure the signal source to generate a 100Hz,
1VP-P sinusoidal wave with +1V offset.
8) Turn on the function generator.
9) In the configuration group of the Device menu, select
Channel 0 and click
Convert in the serial interface
menu.
10) Click on the Scope tab.
11) Check the
Remove DC Offset checkbox to remove
the DC component of the sampled data.
12) Click the
Capture button to start the data analysis.
13) The peripheral module software appears as shown in
Figure 1.
14) Verify that the frequency, which is displayed on the
right, is approximately 100Hz. The scope image has
buttons in the upper right corner that allow zooming
in to detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com