Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NGTP25P140FST4G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NGTP25P140FST4G
Description  Reading ON Semiconductor IGBT Datasheets
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTP25P140FST4G Datasheet(HTML) 5 Page - ON Semiconductor

  NGTP25P140FST4G Datasheet HTML 1Page - ON Semiconductor NGTP25P140FST4G Datasheet HTML 2Page - ON Semiconductor NGTP25P140FST4G Datasheet HTML 3Page - ON Semiconductor NGTP25P140FST4G Datasheet HTML 4Page - ON Semiconductor NGTP25P140FST4G Datasheet HTML 5Page - ON Semiconductor NGTP25P140FST4G Datasheet HTML 6Page - ON Semiconductor NGTP25P140FST4G Datasheet HTML 7Page - ON Semiconductor NGTP25P140FST4G Datasheet HTML 8Page - ON Semiconductor NGTP25P140FST4G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AND9068/D
http://onsemi.com
4
Table 3. IGBT STATIC ELECTRICAL CHARACTERISTICS
Parameter
Unit
Max
Typ
Min
Symbol
Test Conditions
STATIC CHARACTERISTIC
Collector−emitter cut−off current, gate−emitter
short−circuited
VGE = 0 V, VCE = 600 V
VGE = 0 V, VCE = 600 V, TJ = 150°C
ICES
−
−
10
−
−
200
mA
Gate leakage current, collector−emitter
short−circuited
VGE = 20 V, VCE = 0 V
IGES
−
−
100
nA
Forward Transconductance
VCE = 20 V, IC = 15 A
gfs
−
10.1
−
S
Collector−Emitter Breakdown Voltage, V(BR)CES
This is the minimum off−state forward blocking voltage
guaranteed over the operating temperature range. It is
specified with the gate terminal tied to the emitter with a
specified collector current large enough to place the device
into avalanche.
Collector−Emitter Saturation Voltage, VCE(sat)
VCE(sat) is an important figure of merit, since it is directly
related to the conduction losses of the device. This is the
voltage drop from collector to emitter for a specified gate
voltage and collector current. Both a typical value and a
maximum value are specified in the electrical table for both
25
°C and 150°C.
In addition to the electrical limits in the table, the
datasheet includes a graph describing the dependence of
VCE(sat) on temperature, as shown in Figure 3. The graph
describes the typical part and does not guarantee
performance, but it can be used as a starting point to
determine the VCE(sat) for a given temperature. The curves
are given for VGE = 15 V and various collector currents.
TJ, JUNCTION TEMPERATURE (°C)
IC = 30 A
IC = 15 A
IC = 10 A
IC = 5 A
3.5
3
2.5
2
1.5
1
0.5
0
−60 −40 −20
0
20
40
60 80 100 120 140160
Figure 3. Graph of the Temperature Dependence of
VCE(sat)
The VCE(sat) values in the electrical parameter table are
only given for VGE = 15 V. If the gate of the IGBT is being
driven by a different voltage, the output characteristics
shown in Figure 4 can also be useful in approximating the
VCE(sat). This chart shows the IC dependence on VCE for
various gate−emitter voltages. The datasheet contains
output characteristics for TA = −40, 25, and 150°C.
VCE, COLLECTOR−TO−EMITTER VOLTAGE (V)
TA = −40°C
VGE = 17 V
15 V
13 V
11 V
9 V
7 V
60
50
40
30
20
10
0
0
1
2
3
4
5
678
9
Figure 4. Graph of the Output Characteristics of the
IGBT at 255C
The characteristic curves and typical relationships should
never be substituted for worst case design values. Good
design practices and board−level design evaluation are
critical for a reliable system.
Gate−Emitter Threshold Voltage, VGE(th)
This parameter describes the gate to emitter voltage
required for a specified amount of collector current to flow.
This defines the gate to emitter voltage at which the device
enters the on−state. Typically this test is based on a collector
current flow proportional to the die size.
Collector−Emitter Cut−off−Current, ICES
This specifies the leakage current one can expect in the
off−state forward blocking mode. It is specified at the
maximum rated blocking voltage, VCES with the
gate−to−emittervoltage equal to zero volts. The maximum
allowable value of leakage current occurs at the maximum
junction temperature.
Gate Leakage Current, IGES
The absolute maximum value of gate leakage current is
typically specified at a gate voltage of 20 V while the
collector and emitter are grounded.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com