Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11152 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11152
Description  High-Speed USB Connector, FMC Connector, and PMOD-Style Connector
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11152 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11152 Datasheet HTML 1Page - Maxim Integrated Products MAX11152 Datasheet HTML 2Page - Maxim Integrated Products MAX11152 Datasheet HTML 3Page - Maxim Integrated Products MAX11152 Datasheet HTML 4Page - Maxim Integrated Products MAX11152 Datasheet HTML 5Page - Maxim Integrated Products MAX11152 Datasheet HTML 6Page - Maxim Integrated Products MAX11152 Datasheet HTML 7Page - Maxim Integrated Products MAX11152 Datasheet HTML 8Page - Maxim Integrated Products MAX11152 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Evaluates: MAX11150/MAX11152/MAX11158/
MAX11160/MAX11161/MAX11162/MAX11163/
MAX11168/MAX11169
MAX1115X/MAX1116X Family
Evaluation Kit
General Description
The evaluation kit (EV kit) demonstrates the MAX1115X/
MAX1116X family of 18-/16-bit SAR ADCs. The EV kit
includes a graphical user interface (GUI) that provides
communication from the target device to the PC. The EV
kit can operate in multiple modes:
1)
Standalone Mode: In “standalone” mode, the EV kit
is connected to the PC via a USB cable and performs
a subset of the complete EV kit functions with limita-
tion for sample rate, sample size, and no support for
coherent sampling.
2)
FPGA Mode: In “FPGA” mode, the EV kit is connect-
ed to an Avnet ZedBoard
™ through a low-pin-count
FMC connector. The ZedBoard features a Xilinx®
Zynq® -7000 SoC, that connects to the PC through
an Ethernet port, which allows the GUI to perform
different operations with full control over mezzanine
card functions. The EV kit with FPGA platform per-
forms the complete suite of evaluation tests for the
target IC.
3)
User-Supplied SPI Mode: In addition to the USB and
FMC interfaces, the EV kit provides a 12-pin PMOD-
style header for user-supplied SPI interface to connect
the signals for SCLKx, DINx, DOUTx, and CNVSTx.
The EV kit includes Windows XP®-, Windows® 7, and
Windows 8.1-compatible software for exercising the fea-
tures of the IC. The EV kit GUI allows different sample
sizes, adjustable sampling rates, internal or external ref-
erence options (depending upon target device selected),
and graphing software that includes the FFT and histo-
gram of the sampled signals.
The ZedBoard board accepts a +12V AC-DC wall adapter.
The EV kit can be powered by a local +20V supply. The
EV kit has on-board transformers and digital isolators to
separate the IC from the ZedBoard/on-board processor.
The MAX1115X/MAX1116X EV kit comes installed with
a MAX1115XEUB+/MAX1116XEUB+ in a 10-pin µMAX®
package, but can also evaluate other pin-compatible parts
in the family. For a full list of products supported by this
EV kit, see Table 4.
Features
● High-Speed USB Connector, FMC Connector, and
PMOD-Style Connector
● 75MHz SPI Clock Capability through FMC Connector
● 10MHz SPI Clock Capability in Standalone Mode
● Various Sample Sizes and Sample Rates (Up to
500ksps)
● Collects Up to 1 Million samples (with FPGA
Platform)
● Time Domain, Frequency Domain, and Histogram
Plotting
● Sync In/Out for Coherent Sampling (with FPGA plat-
form)
● On-Board Input Buffers (MAX9632 and MAX44242)
● On-Board Voltage References (MAX6126 and
MAX6070)
● Proven PCB Layout
● Fully Assembled and Tested
● Windows XP-, Windows 7-, and Windows
8.1-Compatible Software
19-7582; Rev 0; 5/15
Ordering Information appears at end of data sheet.
ZedBoard is a trademark of Avnet, Inc.
Xilinx and Zynq are registered trademarks of Xilinx, Inc.
Windows XP and Windows are registered trademarks and reg-
istered service marks of Microsoft Corporation.
µMAX is a registered trademark of Maxim Integrated Products, Inc.
EV Kit Photo


Similar Part No. - MAX11152

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11152 MAXIM-MAX11152 Datasheet
865Kb / 26P
500ksps Throughput Rates Without Pipeline
Rev 0; 1/15
MAX11152 MAXIM-MAX11152 Datasheet
920Kb / 27P
18-Bit, 500ksps, 5V Unipolar Input, SAR ADC, in Tiny 10-Pin 關MAX
2015
MAX11152EUB+ MAXIM-MAX11152EUB+ Datasheet
920Kb / 27P
18-Bit, 500ksps, 5V Unipolar Input, SAR ADC, in Tiny 10-Pin 關MAX
2015
More results

Similar Description - MAX11152

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ6185 AOSMD-AOZ6185 Datasheet
528Kb / 10P
High-Speed USB and Audio DPDT Switch
logo
3M Electronics
4488 3M-4488 Datasheet
80Kb / 3P
Compression Style Connector and Assembly Instructions
Rev 100
logo
DDK Ltd.
PSC2 DDK-PSC2 Datasheet
119Kb / 2P
SMB Style Connector
BNC-P-3-CF DDK-BNC-P-3-CF Datasheet
435Kb / 15P
BNC Style Connector
TNC-P-3-CF DDK-TNC-P-3-CF Datasheet
447Kb / 15P
TNC Style Connector
logo
Maxim Integrated Produc...
MAX11253EVKIT MAXIM-MAX11253EVKIT Datasheet
4Mb / 36P
High-Speed USB Connector, FMC Connector, and Pmod-Style Connector
Rev 2; 4/18
MAX11214EVK MAXIM-MAX11214EVK Datasheet
2Mb / 34P
High-Speed USB, FMC Connector, and PMOD Connector
Rev 0; 4/15
MAX11960EVKIT MAXIM-MAX11960EVKIT Datasheet
7Mb / 34P
FMC Connector for Interface
Rev 0; 3/16
MAX11905EVKIT MAXIM-MAX11905EVKIT Datasheet
4Mb / 29P
Peripheral Module and FMC Connector for Interface
Rev 2; 8/17
MAX11905DIFEVKIT MAXIM-MAX11905DIFEVKIT Datasheet
1Mb / 21P
Peripheral Module and FMC Connector for Interface
Rev 1; 12/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com