Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9934F Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9934F
Description  Fully Assembled and Tested
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9934F Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9934F Datasheet HTML 1Page - Maxim Integrated Products MAX9934F Datasheet HTML 2Page - Maxim Integrated Products MAX9934F Datasheet HTML 3Page - Maxim Integrated Products MAX9934F Datasheet HTML 4Page - Maxim Integrated Products MAX9934F Datasheet HTML 5Page - Maxim Integrated Products MAX9934F Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
________________________________________________________________ _Maxim Integrated Products_ _ 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
MAX9934T Evaluation Kit
General Description
The MAX9934T evaluation kit (EV kit) demonstrates
the MAX9934T low-voltage, precision, current-sense
amplifier for power management in portable consumer
electronics. The device’s precision inputs and the EV
kit’s on-board, precision, low-value sense resistor allows
the measurement of bidirectional (e.g., battery charge/
discharge) currents up to 1A. Input common-mode
range is -0.1V to +5.5V independent of supply. The
device demonstrates a 25FA/mV fixed gain and the
EV kit is configured for a 250V/V gain. The device’s
chip-select (CS) logic input allows users to multiplex
several MAX9934T parts. The EV kit operates from a
+2.5V to +3.6V, 100mA DC power supply.
The EV kit can also be used to evaluate the MAX9934F
current-sense amplifier. See the Evaluating the MAX9934F
section for more information.
Features
S
EV_Kit_Configured_for_Bidirectional_Current_
Sensing_Up_to_1A
S
EV_Kit_Configured_for_250V/V_Gain
S
Chip-Select_(CS)_Logic_Input
S
-0.1V_to_+5.5V_Input_Common-Mode_Range
S
+2.5V_to_+3.6V_DC_Power-Supply_Operation
S
Proven_PCB_Layout
S
Fully_Assembled_and_Tested
Ordering Information
Selector Guide
19-5273; Rev 0; 7/10
+
Denotes lead(Pb)-free and RoHS compliant.
Component List
UCSP is a trademark and µMAX is a registered trademark of
Maxim Integrated Products, Inc.
PART
TYPE
MAX9934TEVKIT+
EV Kit
PART
GAIN
OUTPUT
LOGIC_PIN
MAX9934T
25FA/mV
Current
Chip-select input
MAX9934F
5FA/mV
Current
Chip-select input
DESIGNATION
QTY
DESCRIPTION
C1
1
4.7FF Q10%, 16V X7R ceramic
capacitor (0805)
Murata GRM219R71C475K
C2, C4, C5
3
0.1FF Q10%, 16V X7R ceramic
capacitors (0603)
Murata GRM188R71C104K
C3
1
0.01FF Q10%, 16V X7R ceramic
capacitor (0603)
Murata GRM188R71C103K
C6
0
Not installed, ceramic capacitor
(0603)
GND
2
Black miniature PCB test points
GND,
OUT_REF
2
Black multipurpose PCB test
points
JU1, JU2, JU3
3
2-pin headers
OUT
1
Red multipurpose PCB test point
DESIGNATION
QTY
DESCRIPTION
R1
1
10mI Q0.1%, Q15ppm/°C
4-terminal resistor (2512)
Vishay Y14870R01000B9
R2
1
10kI Q0.1%, Q25ppm/°C
resistor (0603)
Panasonic ERA-3YEB103V
R3, R4
2
10kI Q5% resistors (0603)
RS+, RS-
2
White miniature PCB test points
U1
1
Current-sense amplifier
(6 UCSPK)
Maxim MAX9934TART+
(Top Mark: AAF)
U2
1
Current-sense amplifier
(8 FMAXM)
Maxim MAX9934TAUA+
—
3
Shunts (JU1, JU2, JU3)
—
1
PCB: MAX9934T EVALUATION
KIT+


Similar Part No. - MAX9934F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9934FALT+T MAXIM-MAX9934FALT+T Datasheet
1,009Kb / 22P
High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
Rev 0; 10/09
MAX9934FART+T MAXIM-MAX9934FART+T Datasheet
1,009Kb / 22P
High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
Rev 0; 10/09
MAX9934FART+T MAXIM-MAX9934FART+T Datasheet
861Kb / 19P
High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
2012
logo
Analog Devices
MAX9934FART+T AD-MAX9934FART+T Datasheet
860Kb / 19P
High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
Rev 3 11/12
logo
Maxim Integrated Produc...
MAX9934FAUA+T MAXIM-MAX9934FAUA+T Datasheet
1,009Kb / 22P
High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
Rev 0; 10/09
More results

Similar Description - MAX9934F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9986AEVKIT MAXIM-MAX9986AEVKIT Datasheet
209Kb / 8P
Fully Assembled and Tested
Rev 0; 11/06
MAX9985EVKIT MAXIM-MAX9985EVKIT Datasheet
233Kb / 7P
Fully Assembled and Tested
Rev 0; 8/07
MAX7058EVKIT MAXIM-MAX7058EVKIT Datasheet
682Kb / 7P
Fully Assembled and Tested
Rev 0; 10/09
MAX7037EVKIT MAXIM-MAX7037EVKIT Datasheet
3Mb / 31P
Fully Assembled and Tested
Rev 3; 7/18
MAX1162EVC16 MAXIM-MAX1162EVC16 Datasheet
232Kb / 8P
Fully Assembled and Tested
Rev 1; 12/06
MAX3100EVKIT MAXIM-MAX3100EVKIT Datasheet
388Kb / 12P
Fully Assembled and Tested
Rev 0; 3/08
MAX1757EVKIT MAXIM-MAX1757EVKIT Datasheet
153Kb / 5P
Fully Assembled and Tested
Rev 0; 10/00
MAX1400EVKIT MAXIM-MAX1400EVKIT Datasheet
211Kb / 12P
Fully Assembled and Tested
Rev 2; 5/07
MAX1240EVKIT MAXIM-MAX1240EVKIT Datasheet
1Mb / 8P
Fully Assembled and Tested
Rev 2; 3/18
MAX9132EVKIT MAXIM-MAX9132EVKIT Datasheet
661Kb / 14P
Fully Assembled and Tested
Rev 0; 10/08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com