Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9921 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9921
Description  Proven PCB Layout
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9921 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9921 Datasheet HTML 1Page - Maxim Integrated Products MAX9921 Datasheet HTML 2Page - Maxim Integrated Products MAX9921 Datasheet HTML 3Page - Maxim Integrated Products MAX9921 Datasheet HTML 4Page - Maxim Integrated Products MAX9921 Datasheet HTML 5Page - Maxim Integrated Products MAX9921 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MAX9921 Evaluation Kit
2
_______________________________________________________________________________________
Quick Start
Recommended Equipment
Before beginning, the following equipment is needed:
•
MAX9921 EV kit
•
One 6V to 18V DC power supply
•
A magnet
Procedure
The MAX9921 EV kit is fully assembled and tested.
Follow the steps below to verify board operation.
Caution: Do not turn on the power supply until all
connections are made.
1) Verify that all jumpers are in the default positions, as
shown in Table 1.
2) Connect the DC power supply between the
MAX9921 EV kit’s VBAT and GND pads.
3) Turn on the DC power supply.
4) Move the magnet in front of S1 and S2. Observe the
light change of the OUT1 and OUT2 LEDs on the
EV kit board.
Detailed Description of Hardware
The MAX9921 EV kit board provides a proven layout for
evaluating the MAX9921. The EV kit comes with
MAX9921AUB+ installed.
External Power Supply
The MAX9921 is powered by a user-supplied 6V to
18V DC power supply connecting between VBAT and
GND. The MAX9921 EV kit board is not reverse-
battery protected.
During the emulation of the Hall input shorted to GND,
the MAX9921 will draw substantial shorting current until
the MAX9921 turns off the shorted input. The shorting
current can reach a peak of 60mA to 70mA and the
entire event may last 0.5µs. Many common regulated-
lab power supplies will overshoot in response to a
large, short-term current pulse. When evaluating the
short-to-GND fault, an unregulated supply is recom-
mended, such as a wet-cell battery.
Hall-Effect Sensors and Related Jumpers
The MAX9921 EV kit has two Hall-effect sensors
(A1140EUA). JU1 and JU2 provide a convenient way to
evaluate the MAX9921 with different Hall-effect sensors
and emulate different failure conditions, as shown in
Table 1.
DIAG and OE Configuration
The MAX9921 EV kit uses JU3 and JU4 to configure the
MAX9921 DIAG and OE inputs, as shown in Table 1.
Refer to the MAX9921 IC data sheet for a detailed
description of the MAX9921 diagnostic information.
Outputs, Related LEDs, and Jumpers
The MAX9921 EV kit has three outputs: OUT1, OUT2,
and
ERR. Each output has an LED to indicate its cur-
rent status. All three outputs can be individually pulled
up with a 100kΩ resistor, as shown in Table 1. Refer to
the MAX9921 IC data sheet for a detailed description of
OUT1, OUT2, and
ERR outputs.
Table 1. MAX9921 EV KIT Jumper
Descriptions (JU1-JU7)
JUMPER
POSITION
DESCRIPTION
1-2
Emulates Hall input shorted to
battery
1-3*
Demonstrates normal operation
with on-board Hall sensor
1-4
Emulates Hall input shorted to GND
1-5
Evaluates other Hall sensors
JU1, JU2
Open
Emulates the open-circuit failure
1-2*
Outputs enabled
JU3
Open
Outputs disabled
1-2
Outputs reflect diagnostic
information
JU4
Open*
Outputs reflect Hall sensor
information
1-2*
OUT1 with 100k
Ω pullup
JU5
Open
OUT1 without pullup
1-2*
OUT2 with 100k
Ω pullup
JU6
Open
OUT2 without pullup
1-2*
ERR with 100k
Ω pullup
JU7
Open
ERR without pullup
*
Default position.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com