Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQL9063 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # TQL9063
Description  Ultra Low-Noise, Bypass LNA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TQL9063 Datasheet(HTML) 2 Page - Qorvo, Inc

  TQL9063 Datasheet HTML 1Page - Qorvo, Inc TQL9063 Datasheet HTML 2Page - Qorvo, Inc TQL9063 Datasheet HTML 3Page - Qorvo, Inc TQL9063 Datasheet HTML 4Page - Qorvo, Inc TQL9063 Datasheet HTML 5Page - Qorvo, Inc TQL9063 Datasheet HTML 6Page - Qorvo, Inc TQL9063 Datasheet HTML 7Page - Qorvo, Inc TQL9063 Datasheet HTML 8Page - Qorvo, Inc TQL9063 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TQL9063
Ultra Low-Noise, Bypass LNA
Data Sheet, June 5, 2017 | Subject to change without notice
2 of 12
www.qorvo.com
®
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−65 to 150 °C
RF Input Power, CW, 50 Ω, T=+25 °C
+22
 dBm
Device Voltage (VDD)
+7
 V
Operation of this device outside the parameter ranges given
above may cause permanent damage.
Recommended Operating Conditions
Parameter
Min
Typ
Max Units
Device Voltage (VCC)
+3.3
+5.0
+5.25
V
TCASE
−40
+105
°C
Tj for >106 hours MTTF
+190
°C
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Electrical Specifications
Test conditions unless otherwise noted: VDD = +5 V, Temp.=+25°C.
Parameter
Conditions
Min
Typ
Max
Units
Operational Frequency Range
500
4000
MHz
Test Frequency
1950
MHz
Gain
LNA ON, Bypass OFF
17.5
19
20.5
dB
Input Return Loss
LNA ON, Bypass OFF
12
dB
Output Return Loss
LNA ON, Bypass OFF
9.5
dB
Noise Figure
LNA ON, Bypass OFF
0.7
0.9
dB
Output P1dB
LNA ON, Bypass OFF
+21.2
dBm
Output IP3
LNA ON, Bypass OFF,
Pout=+0
dBm/tone, Δf=1 MHz
+31
+36.3
dBm
Insertion Loss
LNA OFF, Bypass ON
1.4
dB
Return Loss
LNA OFF, Bypass ON
18
dB
Input IP3
LNA OFF, Bypass ON
Pin=+3
dBm/tone, Δf=1 MHz
+39
dBm
Isolation
LNA OFF, Bypass OFF
17
dB
Control Voltage, V1, V2 (1)
VIH
1.6
VDD
V
VIL
0
0.5
V
Current, ID
Bypass OFF
60
77
100
mA
Bypass ON
3
mA
Switching Speed(2)
Bypass to LNA Mode
983
ns
LNA to Bypass Mode
1.9
µs
LNA to OFF
200
ns
Thermal Resistance, θjc
Channel to case
44
°C/W
Notes:
1. These voltages are reference at the turrets labelled V1 and V2 on the circuit schematic on page 3.
2. To achieve these fast switching speeds it is required to place a 91K shunt resistor at the RFout pin 7. Refer pg. 6.
Control Truth Table
VBYP
VSD
State
0
0
LNA ON, Bypass OFF
0
1
LNA OFF, Bypass OFF
1
x
LNA OFF, Bypass ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com