Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQL9047-PCB_IF Datasheet(PDF) 2 Page - Qorvo, Inc

Part # TQL9047-PCB_IF
Description  High Linearity Gain Block
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TQL9047-PCB_IF Datasheet(HTML) 2 Page - Qorvo, Inc

  TQL9047-PCB_IF Datasheet HTML 1Page - Qorvo, Inc TQL9047-PCB_IF Datasheet HTML 2Page - Qorvo, Inc TQL9047-PCB_IF Datasheet HTML 3Page - Qorvo, Inc TQL9047-PCB_IF Datasheet HTML 4Page - Qorvo, Inc TQL9047-PCB_IF Datasheet HTML 5Page - Qorvo, Inc TQL9047-PCB_IF Datasheet HTML 6Page - Qorvo, Inc TQL9047-PCB_IF Datasheet HTML 7Page - Qorvo, Inc TQL9047-PCB_IF Datasheet HTML 8Page - Qorvo, Inc TQL9047-PCB_IF Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TQL9047
High Linearity Gain Block
Data Sheet, May 16, 2019 | Subject to change without notice
2 of 15
www.qorvo.com
®
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Supply Voltage (VDD)
+3.0
+5.0
+5.25
V
TCASE
−40
+105
°C
Tj at TCASE max
+138
°C
Tj for >106 hours MTTF
+190
°C
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−65 to +150 °C
Supply Voltage (VDD)
+7 V
RF Input
Power, CW, 50Ω, T=25°C
+20 dBm
Exceeding any one or a combination of the Absolute Maximum Rating
conditions may cause permanent damage to the device. Extended
application of Absolute Maximum Rating conditions to the device may
reduce device reliability.
Electrical Specifications
Parameter
Conditions(1)
Min
Typ
Max
Units
Operational Frequency Range
50
4200
MHz
Test Frequency
1900
MHz
Gain
13.0
14.5
16.0
dB
Input Return Loss
11
dB
Output Return Loss
13
dB
Noise Figure
1.6
3.0
dB
Output P1dB
+18
+20.8
dBm
Output IP3
Pout = +4 dBm / tone, Δf = 1 MHz
+32
+35.5
dBm
Power Shutdown Control
(Pin 6)
On state
0
+0.5
V
Off state (Power down)
+1.4
+3.3
VDD
V
Current, IDD
On state
70
100
mA
Off state (Power down)
3
5
mA
Shutdown pin current, ISD
VPD
≥ +1.4 V
250
µA
Thermal Resistance, θjc
Channel to case
62
°C/W
Notes:
1. Test conditions unless otherwise noted: VDD = +5 V, Temp. = +25 °C, 50 Ω system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com