Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLDN-03D1AX Datasheet(PDF) 36 Page - Bel Fuse Inc.

Part # SLDN-03D1AX
Description  3 VDC ??14.4 VDC Input,
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDN-03D1AX Datasheet(HTML) 36 Page - Bel Fuse Inc.

Back Button SLDN-03D1AX Datasheet HTML 32Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 33Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 34Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 35Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 36Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 37Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 38Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 39Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 40Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
SLDN-03D1Ax
36
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2019 Bel Power Solutions & Protection
Rev. D1.04.19
Hex
Code
Command
Brief Description
Non-Volatile
Memory
Storage
D6
VIN_CAL_OFFSET
Applies an offset correction to the READ_VIN command results to calibrate out offset errors in
module measurements of the input voltage (between -2V and +1.968V)
Format
Linear, two’s complement binary
Bit Position
7
6
5
4
3
2
1
0
Access
r
r
r
r
r
r/w
r
r
Function
Exponent
Mantissa
Default Value
1
1
0
1
V
0
0
V
Bit Position
7
6
5
4
3
2
1
0
Access
r
r
r/w
r/w
r/w
r/w
r/w
r/w
Function
Mantissa
Default Value
0
0
V
V
V
V
V
V
YES
D7
VIN_CAL_GAIN
Applies a gain correction to the READ_VIN command results to calibrate out gain errors in module
measurements of the input voltage (between -0.125 and 0.121)
Format
Linear, two’s complement binary
Bit Position
7
6
5
4
3
2
1
0
Access
r
r
r
r
r
r/w
r
r
Function
Exponent
Mantissa
Default Value
1
1
0
0
V
0
0
V
Bit Position
7
6
5
4
3
2
1
0
Access
r
r
r
r/w
r/w
r/w
r/w
r/w
Function
Mantissa
Default Value
0
0
0
V
V
V
V
V
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com