Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC02-ED5 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STCC02-ED5
Description  CONTROL CIRCUIT FOR HOME APPLIANCE MCU BASED APPLICATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC02-ED5 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STCC02-ED5 Datasheet HTML 5Page - STMicroelectronics STCC02-ED5 Datasheet HTML 6Page - STMicroelectronics STCC02-ED5 Datasheet HTML 7Page - STMicroelectronics STCC02-ED5 Datasheet HTML 8Page - STMicroelectronics STCC02-ED5 Datasheet HTML 9Page - STMicroelectronics STCC02-ED5 Datasheet HTML 10Page - STMicroelectronics STCC02-ED5 Datasheet HTML 11Page - STMicroelectronics STCC02-ED5 Datasheet HTML 12Page - STMicroelectronics STCC02-ED5 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
STCC02-ED5
12/13
Figure 7: DIP-16 Package Mechanical Data
I
a1
b1
F
E
L
e
B
b
Z
e3
D
9
16
8
1
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
a1
0.51
0.020
B
0.77
1.65 0.030
0.065
b
0.50
0.020
b1
0.50
0.001
D20
0.787
E
8.5
0.335
e
2.54
0.1
e3
17.78
0.7
F7.1
0.280
I5.1
0.201
L
3.3
0.130
Z
1.27
0.050
Table 6: Ordering Information
Part Number
Marking
Package
Weight
Base qty
Delivery
mode
STCC02-ED5
STCC02-E
DIP-16
1 g
25
Tube
Table 7: Revision History
Date
Revision
Description of Changes
05-Dec-2004
1
First issue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com