Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS2118D3DL01 Datasheet(PDF) 1 Page - VITALCONN ELECTRONICS HK LTD.

Part # JS2118D3DL01
Description  RJ45 2*1 W/ LAN
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITALCONN [VITALCONN ELECTRONICS HK LTD.]
Direct Link  http://www.vitalconn.com/
Logo VITALCONN - VITALCONN ELECTRONICS HK LTD.

JS2118D3DL01 Datasheet(HTML) 1 Page - VITALCONN ELECTRONICS HK LTD.

  JS2118D3DL01 Datasheet HTML 1Page - VITALCONN ELECTRONICS HK LTD. JS2118D3DL01 Datasheet HTML 2Page - VITALCONN ELECTRONICS HK LTD. JS2118D3DL01 Datasheet HTML 3Page - VITALCONN ELECTRONICS HK LTD. JS2118D3DL01 Datasheet HTML 4Page - VITALCONN ELECTRONICS HK LTD. JS2118D3DL01 Datasheet HTML 5Page - VITALCONN ELECTRONICS HK LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MECHANICAL DIMENSIONS :
P5
P9
P10
P7
P8
P6
P2
P3
P4
P1
P10
P8
P6
P2
P4
P5
P9
P7
P3
P1
BACK VIEW
28.12±0.38
10.80
11.43
J8
J1
A
B
17.27±0.38
J8
J1
LED 2
GREEN
LED 1
GREEN / ORAGE
LED 4
LED 3
D1
D3
D2
D4
D1
D3
D2
D4
GREEN
GREEN / ORAGE
RoHS Compliant


Similar Part No. - JS2118D3DL01

ManufacturerPart #DatasheetDescription
logo
VITALCONN ELECTRONICS H...
JS211803DL01 VITALCONN-JS211803DL01 Datasheet
693Kb / 5P
RJ45 2*1 W/ LAN
More results

Similar Description - JS2118D3DL01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS2T12-9A STMICROELECTRONICS-GS2T12-9A Datasheet
32Kb / 2P
2 W LAN DC-DC CONVERTER
Dec-1993
GS2T12-9S STMICROELECTRONICS-GS2T12-9S Datasheet
33Kb / 2P
2 W LAN DC-DC CONVERTER
Dec-1993
GS2T5-9 STMICROELECTRONICS-GS2T5-9 Datasheet
170Kb / 2P
2 W LAN DC-DC CONVERTER
Dec-1993
GS2TX-9 STMICROELECTRONICS-GS2TX-9 Datasheet
92Kb / 2P
2 W LAN DC-DC CONVERTER
Dec-1993
GS2TX-9A STMICROELECTRONICS-GS2TX-9A Datasheet
42Kb / 2P
2 W LAN DC-DC CONVERTER
Apr-1997
logo
EPCOS
B69812N2457D501 EPCOS-B69812N2457D501 Datasheet
161Kb / 4P
2-Pole Filter for W-LAN
B69812N2457C201 EPCOS-B69812N2457C201 Datasheet
206Kb / 4P
2 - Pole Filter for W - LAN
B69812N2457D201 EPCOS-B69812N2457D201 Datasheet
208Kb / 4P
2 - Pole Filter for W - LAN
logo
VITALCONN ELECTRONICS H...
JS211803DL01 VITALCONN-JS211803DL01 Datasheet
693Kb / 5P
RJ45 2*1 W/ LAN
JS241813DL01 VITALCONN-JS241813DL01 Datasheet
782Kb / 5P
RJ45 2*4 W/ LAN
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com