Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS211803DL01 Datasheet(PDF) 2 Page - VITALCONN ELECTRONICS HK LTD.

Part # JS211803DL01
Description  RJ45 2*1 W/ LAN
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITALCONN [VITALCONN ELECTRONICS HK LTD.]
Direct Link  http://www.vitalconn.com/
Logo VITALCONN - VITALCONN ELECTRONICS HK LTD.

JS211803DL01 Datasheet(HTML) 2 Page - VITALCONN ELECTRONICS HK LTD.

  JS211803DL01 Datasheet HTML 1Page - VITALCONN ELECTRONICS HK LTD. JS211803DL01 Datasheet HTML 2Page - VITALCONN ELECTRONICS HK LTD. JS211803DL01 Datasheet HTML 3Page - VITALCONN ELECTRONICS HK LTD. JS211803DL01 Datasheet HTML 4Page - VITALCONN ELECTRONICS HK LTD. JS211803DL01 Datasheet HTML 5Page - VITALCONN ELECTRONICS HK LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PIN-OUT INFORMATION
(COMPONENT SIDE VIEW)
P1
P2
P3
P4
P5
P6
P7
P8
P9
P10
P1
P2
P3
P4
P5
P6
P7
P8
P9
P10
RECOMMENDED PCB LAYOUT
(COMPONENT SIDE VIEW)
TOLERANCE:±0.10
2.79
11.43
20-∅0.90
4-∅1.57
2-∅3.25
1.40
1.40
A
B
4.06
1.27 TYP
2.415
17.01
RECOMMENDED PCB FRONT EDGE
CUTOUT.THE BOTTOM SHIELD
GROUND TABS (FRONT) SHOULD NOT
BE SEATED ON THE TOP OF THE PCB.
RoHS Compliant



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com