Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DASUTCC500NF Datasheet(PDF) 21 Page - Pulse A Technitrol Company

Part # DASUTCC500NF
Description  UltraThin, clear radome antenna for iDAS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

DASUTCC500NF Datasheet(HTML) 21 Page - Pulse A Technitrol Company

Back Button DASUTCC500NF Datasheet HTML 13Page - Pulse A Technitrol Company DASUTCC500NF Datasheet HTML 14Page - Pulse A Technitrol Company DASUTCC500NF Datasheet HTML 15Page - Pulse A Technitrol Company DASUTCC500NF Datasheet HTML 16Page - Pulse A Technitrol Company DASUTCC500NF Datasheet HTML 17Page - Pulse A Technitrol Company DASUTCC500NF Datasheet HTML 18Page - Pulse A Technitrol Company DASUTCC500NF Datasheet HTML 19Page - Pulse A Technitrol Company DASUTCC500NF Datasheet HTML 20Page - Pulse A Technitrol Company DASUTCC500NF Datasheet HTML 21Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Issue:1836
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: UltraThin, clear radome
antenna for iDAS
PART NUMBER: DASUTCCxxx
Series: CLARITY
21
ASSEMBLY
If using the reflector, thread the reflector onto the Antenna Stem before
attaching the connectors. See Figure 2.
ADDITIONAL NOTES:
Some customers may chose to take into consideration the antenna
propagation orientation during their planning process. The Horizontal rotation
alignment mark (Phi=0 deg), along with data from iBwave file will support this.
For Optimum Performance, Metal ceiling rails need to be a minimum
200mm from the - antenna center as the antenna requires 400mm x 400mm
space free of any metal.
N Female: Maximum Torque 6.2-9.74 in-lbs (0.7-1.1Nm)
Mini-DIN: Maximum torque 12-16 ft Lbs (17-22Nm)
4.3-10 DIN: Maximum torque 45-70 in-lbs (5-8Nm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com