Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7807WD Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7807WD
Description  Photodetector/Transimpedance Amplifier Family for Optical Communication
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7807WD Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7807WD Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7807WD Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7807WD Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7807WD Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7807WD Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7807WD Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7807WD Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7807WD Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7807WD Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7807
Photodetector/Transimpedance Amplifier
Family for Optical Communication
G52363-0, Rev 2.1
Page 1
04/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Features
Applications
General Description
The VSC7807 integrated Photodetector/Transimpedance Amplifier provides a highly integrated solution
for converting 850nm light from a fiber optic communications channel into a differential output voltage. The
benefits of Vitesse Semiconductor’s Gallium Arsenide H-GaAs process are fully utilized to provide very high
bandwidth and low noise in a product with a large optically active area for easy alignment. The sensitivity, duty
cycle distortion and jitter meet or exceed all Fibre Channel and Gigabit Ethernet application requirements. The
VSC7807 is available in either die form, flat-windowed packages or ball-lens packages.
By using a Metal-Semiconductor-Metal (MSM) photodetector with a monolithic integrated transimpedance
amplifier, the input capacitance is lowered which allows for a larger optically active area than in discrete photo-
detectors. Integration also allows superior tracking over process, temperature and voltage between the photode-
tector and the amplifier, resulting in higher performance. The VSC7807 can easily be used in developing Fibre
Channel Electro-Optic Receivers which exhibit very high performance and ease of use.
VSC7807 Block Diagram
• Integrated Photodetector/Transimpedance Amplifier
Optimized for High-Speed Optical Communications
Applications
• Fibre Channel/Gigabit Ethernet-Compatible
• High Bandwidth: 1300MHz
• Low Input Noise Equivalent Power: 2.2µW
• Large Optically Active Area
• Single 3.3V Power Supply
• 2.125Gb/s Data Rate
• 70µm Optically Active Area
• Packages: TO-46, TO-56, Bare Die
• Gigabit Ethernet Optical Receivers
• Fibre Channel Optical Receivers
• ATM Optical Receivers
• SONET/SDH
• System Interconnect
+3.3V
DOUTP
DOUTN
Both DOUTP and DOUTN are back-terminated to 25
Ω.


Similar Part No. - VSC7807WD

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7809 VITESSE-VSC7809 Datasheet
146Kb / 10P
Photodetector/Transimpedance Amplifier Family for Optical Communication
VSC7809WA VITESSE-VSC7809WA Datasheet
146Kb / 10P
Photodetector/Transimpedance Amplifier Family for Optical Communication
VSC7809WB VITESSE-VSC7809WB Datasheet
146Kb / 10P
Photodetector/Transimpedance Amplifier Family for Optical Communication
VSC7809WC VITESSE-VSC7809WC Datasheet
146Kb / 10P
Photodetector/Transimpedance Amplifier Family for Optical Communication
VSC7809WD VITESSE-VSC7809WD Datasheet
146Kb / 10P
Photodetector/Transimpedance Amplifier Family for Optical Communication
More results

Similar Description - VSC7807WD

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61083FP MITSUBISHI-M61083FP Datasheet
30Kb / 5P
PREAMPLIFIER WITH PHOTODETECTOR FOR OPTICAL PICKUP
M61084FP MITSUBISHI-M61084FP Datasheet
31Kb / 5P
PREAMPLIFIER WITH PHOTODETECTOR FOR OPTICAL PICKUP?
M61089FP MITSUBISHI-M61089FP Datasheet
27Kb / 5P
PREAMPLIFIER WITH PHOTODETECTOR FOR OPTICAL PICKUP?
logo
Sony Corporation
CXB1573R SONY-CXB1573R Datasheet
332Kb / 21P
Post-Amplifier for Optical Fiber Communication Receiver
logo
Vitesse Semiconductor C...
VSC7710 VITESSE-VSC7710 Datasheet
174Kb / 14P
Photodetector Transimpedance Amplifier Family for Optical Communication
logo
Hitachi Semiconductor
HA16852MP HITACHI-HA16852MP Datasheet
195Kb / 5P
Optical Communication Receiver/Amplifier
HA16853MP HITACHI-HA16853MP Datasheet
167Kb / 5P
Optical Communication Receiver/Amplifier
HA16856MP HITACHI-HA16856MP Datasheet
210Kb / 6P
Optical Communication Receiver/Amplifier
logo
Vitesse Semiconductor C...
VSC7809 VITESSE-VSC7809 Datasheet
146Kb / 10P
Photodetector/Transimpedance Amplifier Family for Optical Communication
VSC7810 VITESSE-VSC7810 Datasheet
163Kb / 14P
Photodetector/Transimpedance Amplifier Family for Optical Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com