Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7807X Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7807X
Description  Photodetector/Transimpedance Amplifier Family for Optical Communication
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7807X Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7807X Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7807X Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7807X Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7807X Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7807X Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7807X Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7807X Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7807X Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7807X Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7807
Photodetector/Transimpedance Amplifier
Family for Optical Communication
Page 2
G52363-0, Rev 2.1
04/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Table 1: Electro-Optical Specifications(1)
NOTES: (1) Specified over 10°C to 90°C junction. (2) Typical conditions 25°C and 3.3V power supply. (3) See Note 1 in Appli-
cation Note 48. (4) P = Incident Optical Power. (5) See Note 2 In Application Note 48.
Symbol
Parameters
Min
Typ(2)
Max
Units
Conditions
VSS
Supply Voltage
3.0
3.3
3.6
V
IDD
Supply Current
-
-
40
mA
PSRR
Power Supply Rejection Ratio
-
-10
-
dB
Frequencies up to 40MHz.
Use external filter to get PSRR
of -35dB(3).
λ
Wavelength
700
840
850
nm
Fc
Low Frequency Cutoff
-
1.0
2.5
MHz
-3dB, P(4) = -15dBm
BW
Optical Modulation Bandwidth
-
1300
-
MHz
-3dB, P = -15dBm
S
Sensitivity
-
20
-
dBm
2.488Gb/s, BER10-12(5)
Ro
Single-Ended Output Impedance
-
25
-
Ω
VD
Differential Output Voltage
0.2
-
-
V
P = -5 dBm,
RL= 100Ω differential
RD
Differential Responsivity
1.6
2.0
-
mV/
µW
RL = 100Ω
At 50MHz
VDC
Output Bias Voltage
1.0
-
-
V
∆V
DC
Bias Offset Voltage
-
-
200
mV
NEPO
Input Noise Equivalent Power
-
1
2.2
µW rms
P = 0mW
VNO
Output Noise Voltage
-
-
1.25
mV rms
P = 0mW
DCD
Duty Cycle Distortion
-
-
4.5
%
P = -5dBm
IOUT
Output Drive Current
2.0
2.6
-
mA
P = -5dBm
PDJ
Pattern Dependent Jitter
-
-
40
ps
P = -5dBm
+/-10% Voltage Window
Optically Active Area
-
70
-
µm
Diameter
PPJ
PP Jitter
-
190
200
ps
P = -5dBm
TR
Rise Time
-
-
200
ps
20% to 80% P = -5dBm
TF
Fall Time
-
-
200
ps
20% to 80% P = -5dBm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com