Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPW34S Datasheet(PDF) 2 Page - OSRAM GmbH

Part # BPW34S
Description  LIDAR, Pre-Crash, ACC Rain Sensors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPW34S Datasheet(HTML) 2 Page - OSRAM GmbH

  BPW34S Datasheet HTML 1Page - OSRAM GmbH BPW34S Datasheet HTML 2Page - OSRAM GmbH BPW34S Datasheet HTML 3Page - OSRAM GmbH BPW34S Datasheet HTML 4Page - OSRAM GmbH BPW34S Datasheet HTML 5Page - OSRAM GmbH BPW34S Datasheet HTML 6Page - OSRAM GmbH BPW34S Datasheet HTML 7Page - OSRAM GmbH BPW34S Datasheet HTML 8Page - OSRAM GmbH BPW34S Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
BPW 34 S
2 Version 1.7 | 2021-05-26
Maximum Ratings
T
A = 25 °C
Parameter
Symbol
Values
Operating Temperature
T
op
min.
max.
-40 °C
100 °C
Storage temperature
T
stg
min.
max.
-40 °C
100 °C
Reverse voltage
V
R
max.
32 V
Total power dissipation
P
tot
max.
150 mW
ESD withstand voltage
acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
V
ESD
max.
2 kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com