Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7809WD Datasheet(PDF) 10 Page - Vitesse Semiconductor Corporation

Part # VSC7809WD
Description  Photodetector/Transimpedance Amplifier Family for Optical Communication
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7809WD Datasheet(HTML) 10 Page - Vitesse Semiconductor Corporation

Back Button VSC7809WD Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7809WD Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7809WD Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7809WD Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7809WD Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7809WD Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7809WD Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7809WD Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7809WD Datasheet HTML 10Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7809
Photodetector/Transimpedance Amplifier
Family for Optical Communication
Page 10
G52195-0, Rev 2.4
04/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Ordering Information
The order number for this product is formed by a combination of the device type and package type.
Notice
Vitesse Semiconductor Corporation (“Vitesse”) provides this document for informational purposes only. This document contains pre-production
information about Vitesse products in their concept, development and/or testing phase. All informaiton in this document, including descriptions of
features, functions, performance, technical specifications and availability, is subject to change without notice at any time. Nothing contained in this
document shall be construed as extending any warranty or promise, express or implied, that any Vitesse product will be available as described or
will be suitable for or will accomplish any particular task.
Vitesse products are not intended for use in life support appliances, devices or systems. Use of a Vitesse product in such applications without writ-
ten consent is prohibited.
VSC7809 xx
Device Type
Package
Photodetector/Transimpedance Amplifier
WA: TO-46 Flat Window
WB: TO-56 Flat Window
WC: TO-46 Ball Lens—7mm Lead Length
WD: TO-46 Ball Lens—13mm Lead Length
X:
Bare Dice
Family for Optical Communication



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com