Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7809X Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC7809X
Description  Photodetector/Transimpedance Amplifier Family for Optical Communication
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7809X Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC7809X Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7809X Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7809X Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7809X Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7809X Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7809X Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7809X Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7809X Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7809X Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7809
Photodetector/Transimpedance Amplifier
Family for Optical Communication
G52195-0, Rev 2.4
Page 3
04/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Table 2: Absolute Maximum Ratings
Table 3: Recommended Operating Conditions
Symbol
Parameter
Limits
VSS
Power Supply
6V Required
TSTG
Storage Temperature
-55°C to 125°C (case temperature under bias)
HSTG
Storage Humidity
5 to 95% R.H. (including condensation)
HOP
Operating Humidity
8 to 80% R.H. (excluding condensation)
PINC
Incident Optical Power
+3dBm
IS
Impact Shock
500 G. Half Sine Wave
Pulse Duration 1 +/-0.5 ms
3 blows in each direction
VIB
Vibration
20 > 2000 > 20Hz, 10 Minutes
10 G. Peak Acceleration
4 Complete Cycles, 3 Perpendicular Axes
Symbol
Parameter
Limits
VSS
Power Supply
3.0VP-3.6V (3.3V nominal)
TOP
Operating Temperature
0°C (ambient) to 70°C (case)
PMAX
Maximum Optical Power
0dBm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com