Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14830 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14830
Description  Fully Assembled and Tested
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14830 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14830 Datasheet HTML 1Page - Maxim Integrated Products MAX14830 Datasheet HTML 2Page - Maxim Integrated Products MAX14830 Datasheet HTML 3Page - Maxim Integrated Products MAX14830 Datasheet HTML 4Page - Maxim Integrated Products MAX14830 Datasheet HTML 5Page - Maxim Integrated Products MAX14830 Datasheet HTML 6Page - Maxim Integrated Products MAX14830 Datasheet HTML 7Page - Maxim Integrated Products MAX14830 Datasheet HTML 8Page - Maxim Integrated Products MAX14830 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SHUNT
POSITION
U1-1 (SPI/I2C)
CONNECTED TO
OPERATING
MODE
Not installed*
+3.3V
(through resistor R11)
SPI
Installed
GND
I2C
SHUNT
POSITION
U12-1 (IN) CONNECTED TO
SPI/I2C HEADER, PIN 5 (CSN)
CONNECTED TO
CSN SERVING
1-2*
+3.3V
U1, pin 5 (CS/A0)
(through jumper JU19)
UART
2-3
GND
U4–U7, pin 6 (CS)
IO links
Not installed
SPI/I2C header, pin 11 (CSN_SEL)
CSN connection selected by
CSN_SEL
Determined by CSN_SEL
JUMPER*
SIGNAL/POWER
LED
JU3
IOLINK0 C/Q
D5
JU4
IOLINK0 DI
D6
JU5
IOLINK1 C/Q
D7
JU6
IOLINK1 DI
D8
JU7
IOLINK2 C/Q
D9
JU8
IOLINK2 DI
D10
JU9
IOLINK3 C/Q
D11
JU10
IOLINK3 DI
D12
SHUNT
POSITION
U2-4 AND U3-4 (INA)
CONNECTED TO
OUTPUT
INTERFACE
Not installed*
GND
(through resistor R12)
IO link
Installed
+3.3V
RS-485/RS-232
MAX14830 Evaluation Kit
Evaluates: MAX14830
4
Detailed Description of Hardware
The MAX14830 EV kit provides a proven design to
evaluate the MAX14830 IC. The IC is an advanced quad-
channel UART with each UART containing 128 words of
receive and transmit FIFO buffer that can be controlled
through SPI or I2C. Each of the four UARTs is selected
through SPI or I2C in-band addressing.
Each of the four UARTs can interface with an IO-Link
master transceiver or an RS-485/RS-232 multiprotocol
transceiver. The EV kit contains four on-board IO-Link
master transceivers, four RS-485/RS-232 multiprotocol
transceivers, and 8-channel DPDT switches to select
between the IO link and RS-485/RS-232 transceivers.
Jumper Selection
SPI/I2C Operating Mode (SPI/I2C)
Jumper JU1 selects the IC’s operating mode. The operat-
ing mode is selectable between SPI and I2C. See Table
2 for JU1 shunt positions.
IO Link and RS-485/RS-232
Output Interface Selection (INA)
Jumper JU2 selects the IC’s output interface. The output
interface is selectable between the IO link and RS-485/
RS-232 transceivers. See Table 3 for JU2 shunt positions.
IO-Link Signal Indicators ((C/Q)/(DI))
Jumpers JU3–JU10 connect or disconnect the IO-Link
signal (C/Q)/(DI) from their respective LED indicators.
Install shunts to connect or remove shunts to disconnect
the IO-Link signal from their respective LED indicators.
Table 4 lists the correspondence between jumpers
JU3–JU10 to their respective IO-Link signal and LED
indicators.
UART and IO-Link
Chip-Select Signal (CSN)
Jumper JU11 selects the destination for the CSN (chip-
select signal on the SPI/I2C header, pin 5). The CSN
chip-select signal can be set to serve either the UART
(MAX14830) or the four IO links (MAX14824) using JU11.
See Table 5 for JU11 shunt positions.
*Default position.
*Default position.
*Install shunts to connect or remove (default) shunts to
disconnect from LED.
*Default position.
Table 2. JU1 Jumper Selection (SPI/I2C)
Table 5. JU11 Jumper Selection (CSN)
Table 4. JU3–JU10 Jumper Legend (LEDs)
Table 3. JU2 Jumper Selection (INA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com