Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS162834 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS162834
Description  18-Bit 3.3V Registered Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS162834 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS162834 Datasheet HTML 1Page - Integrated Circuit Systems ICS162834 Datasheet HTML 2Page - Integrated Circuit Systems ICS162834 Datasheet HTML 3Page - Integrated Circuit Systems ICS162834 Datasheet HTML 4Page - Integrated Circuit Systems ICS162834 Datasheet HTML 5Page - Integrated Circuit Systems ICS162834 Datasheet HTML 6Page - Integrated Circuit Systems ICS162834 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Integrated
Circuit
Systems, Inc.
ICS162834
Advance Information
0774—02/10/03
Recommended Applications:
• PC133 Registered Memory Module
• PC motherboards
• Servers and workstations
• Provides complete PC133 DIMM solution with
ICSVF2509, ICSVF2510 PLL.
Product Features:
• Meets JESD 82-2 specification
• Internal series resistors to reduce switching noise
• ±12 mA device capability
• Low voltage operation
- VDD = 3.3 ± 0.3V
• 0.50 mm pitch, 56-Pin TSSOP package
18-Bit 3.3V Registered Buffer
Function Table
1
Block Diagram
Notes:
1.
H = HIGH Voltage Level
L = LOW Voltage Level
X = Don't Care
Z = High-Impedance
↑ = LOW-to-HIGH Transition
2.
Output level before the indicated steady-state
input conditions were established, provided that
CLK is HIGH before LE# went LOW.
3.
Output level before the indicated steady-state
input conditions were established.
s
t
u
p
n
Is
t
u
p
t
u
O
#
E
O#
E
LK
L
Cx
Ax
Y
HX
X
X
Z
LL
X
L
L
LL
X
H
H
LH
↑
LL
LH
↑
HH
LH
H
X
Y0 )
2
(
LH
L
X
Y0 )
3
(
Pin Configurations
56-Pin TSSOP
6.10 mm. Body, 0.50 mm. pitch
ADVANCE INFORMATION documents contain information on products in the formative or design phase development. Characteristic data and other specifications are design goals.
ICS reserves the right to change or discontinue these products without notice. Third party brands and names are the property of their respective owners.
Pin Description
s
e
m
a
N
n
i
Pn
o
i
t
p
i
r
c
s
e
D
#
E
O)
w
o
L
e
v
i
t
c
A
(
t
u
p
n
I
e
l
b
a
n
E
t
u
p
t
u
O
K
L
Ct
u
p
n
I
k
c
o
l
C
#
E
Lt
u
p
n
I
e
l
b
a
n
E
h
c
t
a
L
x
At
u
p
n
I
a
t
a
D
x
Ys
t
u
p
t
u
O
a
t
a
D
V D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
D
N
Gd
n
u
o
r
G
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
NC
NC
Y1
GND
Y2
Y3
VDD
Y4
Y5
Y6
GND
Y7
Y8
Y9
Y10
Y11
Y12
GND
Y13
Y14
Y15
VDD
Y16
Y17
GND
Y18
OE#
LE#
GND
NC
A1
GND
A2
A3
VDD
A4
A5
A6
GND
A7
A8
A9
A10
A11
A12
GND
A13
A14
A15
VDD
A16
A17
GND
A18
CLK
GND
OE#
CLK
A1
LE#
To 17 Other Channels
C1
1D
CK
Y1


Similar Part No. - ICS162834

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS162835 ICST-ICS162835 Datasheet
74Kb / 7P
18-Bit 3.3V Registered Buffer
ICS162835AG-T ICST-ICS162835AG-T Datasheet
74Kb / 7P
18-Bit 3.3V Registered Buffer
More results

Similar Description - ICS162834

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163500 TI-CY74FCT163500 Datasheet
63Kb / 7P
18-Bit Registered Transceiver
CY74FCT163501 TI-CY74FCT163501 Datasheet
67Kb / 9P
18-Bit Registered Transceivers
CY74FCT16500T TI-CY74FCT16500T Datasheet
63Kb / 6P
18-Bit Registered Transceivers
logo
Integrated Device Techn...
IDT74FCT163501 IDT-IDT74FCT163501 Datasheet
111Kb / 7P
3.3V CMOS 18-BIT REGISTERED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74SSTVF16857A PERICOM-PI74SSTVF16857A Datasheet
189Kb / 8P
14-Bit Registered Buffer
logo
Integrated Circuit Syst...
ICS162835 ICST-ICS162835 Datasheet
74Kb / 7P
18-Bit 3.3V Registered Buffer
logo
Pericom Semiconductor C...
PI74SSTV16857 PERICOM-PI74SSTV16857 Datasheet
391Kb / 6P
14-Bit Registered Buffer
logo
Texas Instruments
CY74FCT16500T TI-CY74FCT16500T_08 Datasheet
301Kb / 12P
18-Bit Registered Transceivers
CY74FCT16501T TI1-CY74FCT16501T_15 Datasheet
995Kb / 22P
18-Bit Registered Transceivers
CY74FCT16500T TI-CY74FCT16500T_V01 Datasheet
478Kb / 10P
18-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com