Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB641E Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB641E Datasheet(HTML) 2 Page - Dialog Semiconductor

  AT45DB641E Datasheet HTML 1Page - Dialog Semiconductor AT45DB641E Datasheet HTML 2Page - Dialog Semiconductor AT45DB641E Datasheet HTML 3Page - Dialog Semiconductor AT45DB641E Datasheet HTML 4Page - Dialog Semiconductor AT45DB641E Datasheet HTML 5Page - Dialog Semiconductor AT45DB641E Datasheet HTML 6Page - Dialog Semiconductor AT45DB641E Datasheet HTML 7Page - Dialog Semiconductor AT45DB641E Datasheet HTML 8Page - Dialog Semiconductor AT45DB641E Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
DS-45DB641E-
027L–DFLASH–8/2021
Features
Single 1.7V - 3.6V supply
Serial Peripheral Interface (SPI) compatible
Supports SPI modes 0 and 3
Supports RapidS™ operation
Continuous read capability through entire array
Up to 85MHz
Low-power read option up to 15MHz
Clock-to-output time (t
V) of 8ns maximum
User configurable page size
256 bytes per page
264 bytes per page (default)
Page size can be factory pre-configured for 256 bytes
Two fully independent SRAM data buffers (256/264 bytes)
Allows receiving data while reprogramming the main memory array
Flexible programming options
Byte/Page Program (1 to 256/264 bytes) directly into main memory
Buffer Write | Buffer to Main Memory Page Program
Flexible erase options
Page Erase (256/264 bytes)
Block Erase (2KB)
Sector Erase (256KB)
Chip Erase (64-Mbits)
Program and Erase Suspend/Resume
Advanced hardware and software data protection features
Individual sector protection
Individual sector lockdown to make any sector permanently read-only
128-byte, One-Time Programmable (OTP) Security Register
64 bytes factory programmed with a unique identifier
64 bytes user programmable
Hardware and software controlled reset options
JEDEC Standard Manufacturer and Device ID Read
Low-power dissipation
400nA Ultra-Deep Power-Down current (typical)
5µA Deep Power-Down current (typical)
25µA Standby current (typical)
7mA Active Read current (typical)
Endurance: 100,000 program/erase cycles per page minimum
Data retention: 20 years
Complies with full industrial temperature range
Green (Pb/Halide-free/RoHS compliant) packaging options
8-lead SOIC (0.208" wide)
8-pad Ultra-thin DFN (5 x 6 x 0.6mm)
8-pad Very-thin DFN (6 x 8 x 1.0mm)
44-ball dBGA (6 x 8 modified ball array)
Die in Wafer Form
AT45DB641E
64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum
SPI Serial Flash Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com