Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA7280 Datasheet(PDF) 60 Page - Dialog Semiconductor

Part # DA7280
Description  LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7280 Datasheet(HTML) 60 Page - Dialog Semiconductor

Back Button DA7280 Datasheet HTML 56Page - Dialog Semiconductor DA7280 Datasheet HTML 57Page - Dialog Semiconductor DA7280 Datasheet HTML 58Page - Dialog Semiconductor DA7280 Datasheet HTML 59Page - Dialog Semiconductor DA7280 Datasheet HTML 60Page - Dialog Semiconductor DA7280 Datasheet HTML 61Page - Dialog Semiconductor DA7280 Datasheet HTML 62Page - Dialog Semiconductor DA7280 Datasheet HTML 63Page - Dialog Semiconductor DA7280 Datasheet HTML 64Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 76 page
background image
DA7280
LRA/ERM Haptic Driver with Multiple Input Triggers,
Integrated Waveform Memory and Wideband Support
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
60 of 76
© 2019 Dialog Semiconductor
Table 32: CALIB_V2I_H (0x000F)
Bit
Mode
Symbol
Description
Reset
[7:0]
RW
V2I_FACTOR_H
MS-bits for translating actuator impedance to output voltage drive
level
����2����_������������������������[15: 0] =
���� × (����������������[4: 0] + 4)
1.6104
����2����_������������������������_����[7: 0]
=
����2����_������������������������[15: 0] − ����2����_������������������������_����[7: 0]
256
����2����_������������������������_����[7: 0]
= ����2����_������������������������[15: 0]
− 256 × ����2����_������������������������_����[7: 0]
Where V2I_FACTOR[15:0] is the 16-bit concatenation of
V2I_FACTOR_H[7:0] and V2I_FACTOR_L[7:0], Z is the
impedance of the actuator in
Ω (as read from its datasheet), and
IMAX[4:0] is the 5-bit value of IMAX, see Section 5.6.2.
0x01
Table 33: CALIB_V2I_L (0x0010)
Bit
Mode
Symbol
Description
Reset
[7:0]
RW
V2I_FACTOR_L
LS-bits for translating actuator impedance to output voltage drive
level
����2����_������������������������[15: 0] =
���� × (����������������[4: 0] + 4)
1.6104
����2����_������������������������_����[7: 0]
=
����2����_������������������������[15: 0] − ����2����_������������������������_����[7: 0]
256
����2����_������������������������_����[7: 0]
= ����2����_������������������������[15: 0]
− 256 × ����2����_������������������������_����[7: 0]
Where V2I_FACTOR[15:0] is the 16-bit concatenation of
V2I_FACTOR_H[7:0] and V2I_FACTOR_L[7:0], Z is the
impedance of the actuator in
Ω (as read from its datasheet), and
IMAX[4:0] is the 5-bit value of IMAX, see Section 5.6.2.
0x0D
Table 34: CALIB_IMP_H (0x0011)
Bit
Mode
Symbol
Description
Reset
[7:0]
RO
IMPEDANCE_H
MS-bits of calculated impedance (
default 22 Ω), see
Section 5.7.3.
������������������������������������ (Ω) = 4 × 62.5 × 10−3 × ������������������������������������_����
+ 62.5 × 10−3 × ������������������������������������_����
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com