Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA7282 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # DA7282
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7282 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button DA7282 Datasheet HTML 17Page - Dialog Semiconductor DA7282 Datasheet HTML 18Page - Dialog Semiconductor DA7282 Datasheet HTML 19Page - Dialog Semiconductor DA7282 Datasheet HTML 20Page - Dialog Semiconductor DA7282 Datasheet HTML 21Page - Dialog Semiconductor DA7282 Datasheet HTML 22Page - Dialog Semiconductor DA7282 Datasheet HTML 23Page - Dialog Semiconductor DA7282 Datasheet HTML 24Page - Dialog Semiconductor DA7282 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
DA7282
LRA/ERM Ultra-Low Power Haptic Driver with Multiple
Input Triggers and Integrated Waveform Memory
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
21 of 77
© 2019 Dialog Semiconductor
When driving a wideband LRA in DRO mode, resonant frequency tracking can be turned off. This
enables wideband operation and two-dimensional effects using DMAs, see Sections 5.7.5 and 5.7.6.
During playback, if a value written to OVERRIDE_VAL results in the output driving strength being
maintained at 0 %, DA7282 will disable its output stage to save power. Drive is re-enabled
automatically, with one LRA half-period delay, when a non-zero OVERRIDE_VAL value I2C input is
received.
5.2.5
Pulse Width Modulation Mode
PWM mode is used to stream haptic sequences to DA7282 via the GPI_0/PWM input pin where the
output drive level is determined by the duty cycle of the PWM signal. For optimal start-up timing, the
PWM input signal needs to be provided before setting OPERATION_MODE = 2. The PWM duty
cycle can be interpreted in two ways as follows:
If ACCELERATION_EN = 1, the output drive level is equal to the input signal duty cycle multiplied by
the voltage stored in ACTUATOR_NOMMAX. In this case the duty cycle is interpreted as a
proportion between 0 % and 100 %, see Figure 31. The automatic Active Acceleration and Rapid
Stop (if enabled) features will take the output up to the voltage in ACTUATOR_ABSMAX and/or
reverse the drive level to be negative during level transitions, but in steady state the final value will
always scale to the voltage in ACTUATOR_NOMMAX.
If ACCELERATION_EN = 0, the output drive level is equal to the input signal duty cycle multiplied by
the voltage stored in ACTUATOR_ABSMAX. In this case the duty cycle is interpreted as a proportion
between -100 % and 100 % where 50 % duty cycle is 0 %, see Figure 32. When DA7282 is set up to
drive an ERM, the negative value represents a change in drive voltage polarity, while for an LRA it
represents a phase shift of 180° in the drive signal. Negative drive can be used to speed up output
acceleration level changes without the use of the Active Acceleration and Rapid Stop. Note that in
the ACCELERATION_EN = 0 case Rapid Stop can still be enabled if an automatic stop to zero
actuator acceleration is required.
Note: The output PWM frequency is always independent of the PWM input frequency regardless of
whether frequency tracking is enabled or disabled. To maximize accuracy and minimize power
consumption and noise, it is best to keep the input PWM frequency as low as possible.
The PWM demodulator is rising edge sensitive. The minimum duty cycle that can be used to create
the drive level can be configured in FULL_BRAKE_THR; any duty cycle below that value will produce
a 0 % drive level.
During playback streaming in PWM mode, if a 0 % drive level is maintained by applying a 0 % (or
50 % if Active Acceleration is disabled) duty cycle PWM input, the DA7282 output stage is disabled
to save power. Drive is re-enabled automatically, with one LRA half-period delay, when the duty
cycle forces the drive level to be greater than 0 %.
ACCELERATION_EN = 0,
60% Duty Cycle
ACCELERATION_EN = 0,
90% Duty Cycle
ACCELERATION_EN = 0,
50% Duty Cycle
ACCELERATION_EN = 0,
40% Duty Cycle
ACCELERATION_EN = 0,
10% Duty Cycle
PWM
Signal
DA7282
Output
Figure 9: Example PWM Inputs with ACCELERATION_EN = 0
Note the 180° phase difference between driving > 50 % and < 50 %.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com