Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA7283 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # DA7283
Description  Ultra-Low Power LRA Haptic Driver with Multiple Input Triggers and Software-Free Operation
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7283 Datasheet(HTML) 4 Page - Dialog Semiconductor

  DA7283 Datasheet HTML 1Page - Dialog Semiconductor DA7283 Datasheet HTML 2Page - Dialog Semiconductor DA7283 Datasheet HTML 3Page - Dialog Semiconductor DA7283 Datasheet HTML 4Page - Dialog Semiconductor DA7283 Datasheet HTML 5Page - Dialog Semiconductor DA7283 Datasheet HTML 6Page - Dialog Semiconductor DA7283 Datasheet HTML 7Page - Dialog Semiconductor DA7283 Datasheet HTML 8Page - Dialog Semiconductor DA7283 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
DA7283
Ultra-Low Power LRA Haptic Driver with Multiple Input
Triggers and Software-Free Operation
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
4 of 22
© 2019 Dialog Semiconductor
Figure 12: WLCSP Package Outline Drawing..................................................................................... 17
Figure 13: QFN Package Outline Drawing .......................................................................................... 18
Figure 14: External Components Diagram .......................................................................................... 20
Figure 15: WLCSP Example PCB Layout ........................................................................................... 21
Figure 16: QFN Example PCB Layout ................................................................................................ 21
Tables
Table 1: DA728x Feature Comparison.................................................................................................. 4
Table 2: Pin Description ........................................................................................................................ 6
Table 3: Pin Type Definition .................................................................................................................. 6
Table 4: Absolute Maximum Ratings..................................................................................................... 7
Table 5: Recommended Operating Conditions ..................................................................................... 7
Table 6: Current Consumption .............................................................................................................. 8
Table 7: Electrical Characteristics ......................................................................................................... 8
Table 8: Timing Characteristics ............................................................................................................. 9
Table 9: WLCSP Thermal Ratings ........................................................................................................ 9
Table 10: QFN Thermal Ratings ........................................................................................................... 9
Table 11: GPI Drive Level Behavior .................................................................................................... 14
Table 12: GPI Trigger Ranges............................................................................................................. 14
Table 13: MSL Classification ............................................................................................................... 19
Table 14: Ordering Information ........................................................................................................... 20
Legal
NOTWITHSTANDING ANYTHING TO THE CONTRARY IN THIS DOCUMENT OR IN ANY OTHER
AGREEMENT, CUSTOMER ACKNOWLEDGES THAT THE PRODUCTS ARE PROVIDED
WITHOUT ANY WARRANTY OF NON-INFRINGEMENT, AND THAT IF ANY LICENSE OR RIGHT
IS REQUIRED TO BE OBTAINED FROM ANY THIRD PARTY, THIS RESPONSIBILITY SHALL
REST SOLELY WITH CUSTOMER.
Product Family
Table 1: DA728x Feature Comparison
Feature
DA7280
DA7281
DA7282
DA7283
OFF state via VDDIO/EN pin
No
No
Yes
Yes
OFF state current
N/A
N/A
5 nA
5 nA
IDLE state current
360 nA
360 nA
680 nA
680 nA
Number of GPI sequence trigger pins
3
1
3
3
I2C interface
Yes
Yes
Yes
No
Multiple I2C addressing
No
Yes
No
N/A
Operation without a host
No
No
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com