Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA7282-00FVC Datasheet(PDF) 40 Page - Dialog Semiconductor

Part # DA7282-00FVC
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7282-00FVC Datasheet(HTML) 40 Page - Dialog Semiconductor

Back Button DA7282-00FVC Datasheet HTML 36Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 37Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 38Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 39Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 40Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 41Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 42Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 43Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 44Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 77 page
background image
DA7282
LRA/ERM Ultra-Low Power Haptic Driver with Multiple
Input Triggers and Integrated Waveform Memory
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
40 of 77
© 2019 Dialog Semiconductor
● IMAX now corresponds to twice the value computed by the formula in Section 5.6.2.
● When setting the impedance in V2I_FACTOR_H and V2I_FACTOR_L via the formula in Section
5.6.2, use Zformula = 2*Zreal.
● When reading back from IMPEDANCE_H and IMPEDANCE_L, use an LSB of 0.03125 Ω.
5.7.13
Supply Monitoring, Reporting, and Automatic Output Limiting
DA7282 monitors the level of the supply during playback and reports it via ADC_VDD_H and
ADC_VDD_L. The two should be concatenated and read using the following formula:
������������ ������������������������ ���������������������������� = (������������_������������_���� × 128 + ������������_������������_����) × 0.1831 ��������
(13)
DA7282 uses this information to prevent the device from clipping to supply by limiting the drive to a
value determined by the VDD_MARGIN register in 187.5 mV steps where 0x0 corresponds to no
margin, see Figure 22.
Output drive clipping to
VDD – VDD_MARGIN, not ABSMAX
Time [s]
VDD
ABSMAX
VDD - VDD_MARGIN
VDD_MARGIN
Figure 22: Automatic Output Limiting
The functionality is needed as DA7282 regulates current and if supply clipping occurs, the regulation
stops and the BEMF information is lost. Furthermore, the VDD_MARGIN register allows limiting of
the power across the actuator for low supply values to prevent the battery from discharging too fast.
5.7.14
BEMF Fault Limit
To detect malfunctioning actuators that have stopped moving due to a mechanical fault, DA7282 can
be configured to trigger an actuator fault if the BEMF voltage level falls below a threshold for long
drive durations. The threshold for detection is set in BEMF_FAULT_LIM; a zero value of the register
disables the fault checking.
5.7.15
Increasing Impedance Detection Accuracy
To increase the accuracy of the impedance reading in IMPEDANCE_H and IMPEDANCE_L, the
register V2I_FACTOR_OFFSET_EN could be set to 0. This removes an algorithmic offset utilized by
the acceleration algorithm. Should V2I_FACTOR_OFFSET_EN be equal to 0, ACCELERATION_EN
is recommended to be set to 0.
5.7.16
Frequency Pause during Rapid Stop
To address low mechanical time constant LRAs (start/stop times less than 20 ms) and improve the
braking behavior, DA7282 has the option to pause frequency tracking during the execution of the
Rapid Stop algorithm by setting FRQ_PAUSE_ON_POLARITY_CHANGE to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com