Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS281 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS281
Description  Triple PLL Field Prog. Spread Spectrum Clock Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS281 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS281 Datasheet HTML 1Page - Integrated Circuit Systems ICS281 Datasheet HTML 2Page - Integrated Circuit Systems ICS281 Datasheet HTML 3Page - Integrated Circuit Systems ICS281 Datasheet HTML 4Page - Integrated Circuit Systems ICS281 Datasheet HTML 5Page - Integrated Circuit Systems ICS281 Datasheet HTML 6Page - Integrated Circuit Systems ICS281 Datasheet HTML 7Page - Integrated Circuit Systems ICS281 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Triple PLL Field Prog. Spread Spectrum Clock Synthesizer
MDS 281 C
2
Revision 062205
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS281
PRELIMINARY INFORMATION
Pin Assignment
Pin Descriptions
12
1
11
2
10
3
9
4
S0
5
S1
6
VDD
7
GND
8
VDD
PDTS
S2
GND
GND
VDD
VDDO
CLK1
CLK3
16
15
14
13
CLK2
X2
16 pin (173 mil) TSSOP
X1/ICLK
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
GND
Power
Connect to ground.
2
S0
Input
Select pin 0. Internal pull-up resistor.
3
S1
Input
Select pin 1. Internal pull-up resistor.
4VDD
Power
Connect to +3.3 V.
5
VDDO
Power
Power supply for outputs.
6
CLK1
Output
Output clock 1. Weak internal pull-down when tri-state.
7
GND
Power
Connect to ground.
8
X1
XI
Crystal input. Connect this pin to a crystal or external input clock.
9
X2
XO
Crystal Output. Connect this pin to a crystal. Float for clock input.
10
VDD
Power
Connect to +3.3 V.
11
CLK2
Output
Output clock 2. Weak internal pull-down when tri-state.
12
CLK3
Output
Output clock 3. Weak internal pull-down when tri-state.
13
GND
Power
Connect to ground.
14
PDTS
Input
Power-down tri-state. Powers down entire chip and tri-states clock outputs
when low. Internal pull-up resistor.
15
VDD
Power
Connect to +3.3 V.
16
S2
Input
Select pin 2. Internal pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com