Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS411 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS411
Description  PC PERIPHERAL CLOCK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS411 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS411 Datasheet HTML 1Page - Integrated Circuit Systems ICS411 Datasheet HTML 2Page - Integrated Circuit Systems ICS411 Datasheet HTML 3Page - Integrated Circuit Systems ICS411 Datasheet HTML 4Page - Integrated Circuit Systems ICS411 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PC PERIPHERAL CLOCK
MDS 411 C
2
Revision 062005
Integrated Circuit Systems l 525 Race Street, San Jose, CA 95126 l tel (408) 297-1201 l
www.icst.com
ICS411
Pin Assignment
Pin Descriptions
1
2
3
ICL K
4
25M
25 M
GND
VDD
GND
24. 576 M
8
7
6
5
VDD
8 Pi n ( 150 mi l ) SOI C
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
ICLK
Input
Clock connection. Connect to 14.31818 MHz clock.
2
VDD
Power
Connect to voltage supply.
3
GND
Power
Connect to ground.
4
24.576M
Output
24.576 MHz clock output.
5
25M
Output
25 MHz clock output.
6
25M
Output
25 MHz clock output.
7
GND
Power
Connect to ground.
8
VDD
Power
Connect to voltage supply.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com