Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS411M Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS411M
Description  PC PERIPHERAL CLOCK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS411M Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS411M Datasheet HTML 1Page - Integrated Circuit Systems ICS411M Datasheet HTML 2Page - Integrated Circuit Systems ICS411M Datasheet HTML 3Page - Integrated Circuit Systems ICS411M Datasheet HTML 4Page - Integrated Circuit Systems ICS411M Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PC PERIPHERAL CLOCK
MDS 411 C
4
Revision 062005
Integrated Circuit Systems l 525 Race Street, San Jose, CA 95126 l tel (408) 297-1201 l
www.icst.com
ICS411
DC Electrical Characteristics
VDD=3.3 V ±10%
Notes: 1. Nominal switching threshold is VDD/2
AC Electrical Characteristics
VDD = 3.3 V ±10%
, Ambient Temperature 0 to +70° C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
3.6
V
Input High Voltage
VIH
Note 1
2.0
V
Input Low Voltage
VIL
Note 1
0.8
V
Output High Voltage
VOH
IOH = -25 mA
2.4
V
Output Low Voltage
VOL
IOL = 25 mA
0.8
V
Operating Supply Current
IDD
No load
8
mA
Short Circuit Current
IOS
Each output
80
mA
Parameter
Symbol
Conditions
Min.
Typ.
Max. Units
Input Frequency
14.318
MHz
Output Rise Time
tOR
0.8 to 2.0 V, CL=15 pF
0.60
ns
Output Fall Time
tOF
2.0 to 0.8 V, CL=15 pF
0.60
ns
Output Clock Duty Cycle
At VDD/2, 24.576M
45
50
55
%
Absolute Jitter, Short Term
Variation from mean,
24.576M
150
ps
Absolute Jitter, Short Term
Variation from mean,
25M
115
ps



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com