Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC866EC Datasheet(PDF) 39 Page - NXP Semiconductors

Part # MPC866EC
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC866EC Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button MPC866EC Datasheet HTML 35Page - NXP Semiconductors MPC866EC Datasheet HTML 36Page - NXP Semiconductors MPC866EC Datasheet HTML 37Page - NXP Semiconductors MPC866EC Datasheet HTML 38Page - NXP Semiconductors MPC866EC Datasheet HTML 39Page - NXP Semiconductors MPC866EC Datasheet HTML 40Page - NXP Semiconductors MPC866EC Datasheet HTML 41Page - NXP Semiconductors MPC866EC Datasheet HTML 42Page - NXP Semiconductors MPC866EC Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
Freescale Semiconductor
39
Bus Signal Timing
P50
CLKOUT to PCOE, IORD, PCWE,
IOWR assert time (MAX = 0.00 x
B1 + 11.00)
—
11.00
—
11.00
—
11.00
—
11.00
ns
P51
CLKOUT to PCOE, IORD, PCWE,
IOWR negate time (MAX = 0.00 x
B1 + 11.00)
2.00
11.00
2.00
11.00
2.00
11.00
2.00
11.00
ns
P52
CLKOUT to ALE assert time (MAX
= 0.25 x B1 + 6.30)
7.60
13.80
6.30
12.50
5.00
11.30
3.80
10.00
ns
P53
CLKOUT to ALE negate time (MAX
= 0.25 x B1 + 8.00)
—
15.60
—
14.30
—
13.00
—
11.80
ns
P54
PCWE, IOWR negated to D(0:31)
invalid1 (MIN = 0.25 x B1 – 2.00)
5.60
—
4.30
—
3.00
—
1.80
—
ns
P55
WAITA and WAITB valid to
CLKOUT rising edge1 (MIN = 0.00
x B1 + 8.00)
8.00
—
8.00
—
8.00
—
8.00
—
ns
P56
CLKOUT rising edge to WAITA and
WAITB invalid1 (MIN = 0.00 x B1 +
2.00)
2.00
—
2.00
—
2.00
—
2.00
—
ns
1
PSST = 1. Otherwise, add PSST times cycle time.
PSHT = 0. Otherwise, add PSHT times cycle time.
These synchronous timings define when the WAITx signals are detected in order to freeze (or relieve) the PCMCIA
current cycle. The WAITx assertion will be effective only if it is detected 2 cycles before the PSL timer expiration. See
PCMCIA Interface in the
MPC866 PowerQUICC User’s Manual.
Table 11. PCMCIA Timing (continued)
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com