Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7441 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MPC7441
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7441 Datasheet(HTML) 3 Page - NXP Semiconductors

  MPC7441 Datasheet HTML 1Page - NXP Semiconductors MPC7441 Datasheet HTML 2Page - NXP Semiconductors MPC7441 Datasheet HTML 3Page - NXP Semiconductors MPC7441 Datasheet HTML 4Page - NXP Semiconductors MPC7441 Datasheet HTML 5Page - NXP Semiconductors MPC7441 Datasheet HTML 6Page - NXP Semiconductors MPC7441 Datasheet HTML 7Page - NXP Semiconductors MPC7441 Datasheet HTML 8Page - NXP Semiconductors MPC7441 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
MPC7447A RISC Microprocessor Hardware Specifications, Rev. 5
Freescale Semiconductor
3
Features
NOTE
The MPC7447A is a footprint-compatible, drop-in replacement in an
MPC7447 application if the core power supply is 1.3 V.
2Features
This section summarizes features of the MPC7447A implementation of the PowerPC architecture.
Major features of the MPC7447A are as follows:
•
High-performance, superscalar microprocessor
— Up to four instructions can be fetched from the instruction cache at a time.
— Up to 12 instructions can be in the instruction queue (IQ).
— Up to 16 instructions can be at some stage of execution simultaneously.
— Single-cycle execution for most instructions
— One instruction per clock cycle throughput for most instructions
— Seven-stage pipeline control
•
Eleven independent execution units and three register files
— Branch processing unit (BPU) features static and dynamic branch prediction
– 128-entry (32-set, four-way set-associative) branch target instruction cache (BTIC), a cache
of branch instructions that have been encountered in branch/loop code sequences. If a target
instruction is in the BTIC, it is fetched into the instruction queue a cycle sooner than it can
be made available from the instruction cache. Typically, a fetch that hits the BTIC provides
the first four instructions in the target stream.
– 2048-entry branch history table (BHT) with 2 bits per entry for four levels of
prediction—not taken, strongly not taken, taken, and strongly taken
– Up to three outstanding speculative branches
– Branch instructions that do not update the count register (CTR) or link register (LR) are
often removed from the instruction stream.
– Eight-entry link register stack to predict the target address of Branch Conditional to Link
Register (bclr) instructions
— Four integer units (IUs) that share 32 GPRs for integer operands
– Three identical IUs (IU1a, IU1b, and IU1c) can execute all integer instructions except
multiply, divide, and move to/from special-purpose register instructions.
– IU2 executes miscellaneous instructions including the CR logical operations, integer
multiplication and division instructions, and move to/from special-purpose register
instructions.
— Five-stage FPU and a 32-entry FPR file
– Fully IEEE 754-1985–compliant FPU for both single- and double-precision operations
– Supports non-IEEE mode for time-critical operations
– Hardware support for denormalized numbers
– Thirty-two 64-bit FPRs for single- or double-precision operands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com