Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS426GT Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS426GT
Description  Serial ATA/Fibre Channel Clock Synthesizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS426GT Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS426GT Datasheet HTML 1Page - Integrated Circuit Systems ICS426GT Datasheet HTML 2Page - Integrated Circuit Systems ICS426GT Datasheet HTML 3Page - Integrated Circuit Systems ICS426GT Datasheet HTML 4Page - Integrated Circuit Systems ICS426GT Datasheet HTML 5Page - Integrated Circuit Systems ICS426GT Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Serial ATA/Fibre Channel Clock Synthesizer
MDS 426 B
2
Revision 091102
Integrated Circuit Systems, Inc. q 525 Race Street, San Jose, CA 95126 q tel (408) 295-9800 q
www.icst.com
ICS426
Pin Assignment
Clock Output Select Table (MHz)
Pin Descriptions
12
1
11
2
10
3
9
X1/ICLK
4
VDD
5
VDD
6
GND
7
GND
8
GND
GND
OE
GND
S1
S0
GND
VDD
VDD
16
15
14
13
CLK
X2
16 pin 173 mil (0.65 mm) TSSOP
S1
S0
Input
CLK Output
0
0
25
75
0
1
25
150
1
0
25
106.25
1
1
25
156.25
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
X1/ICLK
XI
Crystal connection. Connect to a 25 MHz fundamental mode
crystal or clock input.
2
VDD
Power
Connect to +3.3 V.
3
VDD
Power
Connect to +3.3 V.
4
GND
Power
Connect to ground.
5
GND
Power
Connect to ground.
6
S1
Input
Select pin 1 determines CLK output based on table above. Internal
pull-up.
7
VDD
Power
Connect to +3.3 V.
8
CLK
Output
Clock output. Tri-state output when OE is low.
9
GND
Power
Connect to ground.
10
VDD
Power
Connect to +3.3V.
11
S0
Input
Select pin 0 determines CLK output based on table above. Internal
pull-up.
12
GND
Power
Connect to ground.
13
OE
Input
Output Enable. All outputs are tri-stated when low. Internal pull-up.
14
GND
Power
Connect to ground.
15
GND
Power
Connect to ground.
16
X2
XO
Crystal connection. Connect to a 25 MHz fundamental mode
crystal or float for clock input.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com