Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS477-05 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS477-05
Description  Quad PLL with VCXO for HDTV
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS477-05 Datasheet(HTML) 7 Page - Integrated Circuit Systems

  ICS477-05 Datasheet HTML 1Page - Integrated Circuit Systems ICS477-05 Datasheet HTML 2Page - Integrated Circuit Systems ICS477-05 Datasheet HTML 3Page - Integrated Circuit Systems ICS477-05 Datasheet HTML 4Page - Integrated Circuit Systems ICS477-05 Datasheet HTML 5Page - Integrated Circuit Systems ICS477-05 Datasheet HTML 6Page - Integrated Circuit Systems ICS477-05 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Quad PLL with VCXO for HDTV
MDS 477-05 H
7
Revision 062404
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS477-05
Package Outline and Package Dimensions (28-pin SSOP, 150 Mil. Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
“LF” denotes Pb (lead) free package.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
ICS477R-05
ICS477R-05 (top line)
YYWW (3rd line)
Tubes
28-pin SSOP
0 to +70
° C
ICS477R-05T
Tape and Reel
28-pin SSOP
0 to +70
° C
ICS477R-05I
ICS477R-05I (top line)
YYWW (3rd line)
Tubes
28-pin SSOP
-40 to +85
° C
ICS477R-05IT
Tape and Reel
28-pin SSOP
-40 to +85
° C
ICS477R-05LF
ICS477R-05LF (top line)
YYWW (3rd line)
Tubes
28-pin SSOP
0 to +70
° C
ICS477R-05LFT
Tape and Reel
28-pin SSOP
0 to +70
° C
ICS477R-05ILF
ICS477R-05ILF (top line)
YYWW (3rd line)
Tubes
28-pin SSOP
-40 to +85
° C
ICS477R-05ILFT
Tape and Reel
28-pin SSOP
-40 to +85
° C
INDEX
AREA
1 2
28
D
E1
E
SEATING
PLANE
A1
A
A2
e
- C -
b
.10 (.004)
C
c
L
Millimeters
Inches
Symbol
Min
Max
Min
Max
A
1.351.75.053
.069
A1
0.10
0.25
.0040
.010
A2
--
1.50
--
.059
b
0.20
0.30
0.008
0.012
C
0.180.25.007
.010
D
9.80
10.00
.386
.394
E
5.806.20.228
.244
E1
3.80
4.00
.150
.157
e
0.635 Basic
0.025 Basic
L
0.401.27.016
.050
α
0
°
8
°
0
°
8
°



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com