Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1527 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS1527
Description  Video Clock Synthesizer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1527 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS1527 Datasheet HTML 3Page - Integrated Circuit Systems ICS1527 Datasheet HTML 4Page - Integrated Circuit Systems ICS1527 Datasheet HTML 5Page - Integrated Circuit Systems ICS1527 Datasheet HTML 6Page - Integrated Circuit Systems ICS1527 Datasheet HTML 7Page - Integrated Circuit Systems ICS1527 Datasheet HTML 8Page - Integrated Circuit Systems ICS1527 Datasheet HTML 9Page - Integrated Circuit Systems ICS1527 Datasheet HTML 10Page - Integrated Circuit Systems ICS1527 Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MDS1527 G
7
Revision 110905
Integrated Circuit Systems, 525 Race Street, San Jose, CA 95126, tel (408) 297-1201
www.icst.com
Section 4 Programming
ICS1527 Data Sheet
Section 4 Programming
4.1 Industry-Standard I2C Serial Bus: Data Format
Figure 4-1 ICS1527 Data Format for I2C 2-Wire Serial Bus
Notes:
The ICS1527 uses 16 byte pages (00h-0Fh is the first page, 10h-1Fh is the second page). Writing or reading
beyond the end of page yields undefined results.
The ICS1527 has a device address of 010011B, where B is the state of the I2CADR pin.
S
T
A
R
T
0 A
C
K
A
C
K
A
C
K
Single/m ultiple register w rite (page w rite)
W ord address
D ata (0)
A
C
K
D ata (n)
S
T
O
P
...
S
T
A
R
T
0 A
C
K
A
C
K
A
C
K
S ingle/m ultiple register read
W ord address
D ata (0)
D ata (n)
S
T
O
P
...
1 A
C
K
N
O
A
C
K
S
T
A
R
T
A
C
K
S equential single/m ultiple register read
Data (0)
Data (n)
S
T
O
P
...
1 A
C
K
N
O
A
C
K
S
T
A
R
T
0 1 0 0 1 1 B
D evice address
D evice address
D evice address
D evice address
0 1 0 0 1 1 B
0 1 0 0 1 1 B
0 1 0 0 1 1 B
M aster drives line
S lave drives line



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com