Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL30260 Datasheet(PDF) 40 Page - Microchip Technology

Part # ZL30260
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30260 Datasheet(HTML) 40 Page - Microchip Technology

Back Button ZL30260 Datasheet HTML 36Page - Microchip Technology ZL30260 Datasheet HTML 37Page - Microchip Technology ZL30260 Datasheet HTML 38Page - Microchip Technology ZL30260 Datasheet HTML 39Page - Microchip Technology ZL30260 Datasheet HTML 40Page - Microchip Technology ZL30260 Datasheet HTML 41Page - Microchip Technology ZL30260 Datasheet HTML 42Page - Microchip Technology ZL30260 Datasheet HTML 43Page - Microchip Technology ZL30260 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 94 page
background image
ZL30260-ZL30263
Data Sheet
40
© 2021 Microchip Technology Inc.
DS20006554A
Register Name:
GPIOCR1
Register Description:
GPIO Configuration Register 1
Register Address:
0Bh
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
GPIO1C[3:0]
GPIO0C[3:0]
Default
0
0
0
0
0
0
0
0
Bits 7 to 4: GPIO1 Configuration (GPIO1C[3:0]). This field configures the GPIO1 pin as a general-purpose input,
a general-purpose output driving low or high, or a status output. The current state of the pin can be read from
GPIOSR.GPIO1. When GPIO1 is a status output, the GPIO1SS register specifies which status bit is output.
0000 = General-purpose input
0001 = General-purpose input - inverted polarity
0010 = General-purpose output driving low
0011 = General-purpose output driving high
0100 = Status output
– non-inverted polarity
0101 = Status output - inverted polarity of the status bit it follows
0110 = Status output
– 0 drives low, 1 high impedance
0111 = Status output
– 0 high impedance, 1 drives low
1000 to 1111 = {unused values}
Bits 3 to 0: GPIO0 Configuration (GPIO0C[3:0]). This field configures the GPIO0 pin as a general-purpose input,
a general-purpose output driving low or high, or a status output. The current state of the pin can be read from
GPIOSR.GPIO0. When GPIO0 is a status output, the GPIO0SS register specifies which status bit is output.
0000 = General-purpose input
0001 = General-purpose input - inverted polarity
0010 = General-purpose output driving low
0011 = General-purpose output driving high
0100 = Status output
– non-inverted polarity
0101 = Status output - inverted polarity of the status bit it follows
0110 = Status output
– 0 drives low, 1 high impedance
0111 = Status output
– 0 high impedance, 1 drives low
1000 to 1111 = {unused values}
Note that the bits of the following registers cannot be internally connected to a GPIO configured as a status output:
GPIOSR, APLLIE.
Register Name:
GPIOCR2
Register Description:
GPIO Configuration Register 2
Register Address:
0Ch
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
GPIO3C[3:0]
GPIO2C[3:0]
Default
0
0
0
0
0
0
0
0
These fields are identical to those in GPIOCR1 except they control GPIO2 and GPIO3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com