Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL30264 Datasheet(PDF) 72 Page - Microchip Technology

Part # ZL30264
Description  2-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30264 Datasheet(HTML) 72 Page - Microchip Technology

Back Button ZL30264 Datasheet HTML 68Page - Microchip Technology ZL30264 Datasheet HTML 69Page - Microchip Technology ZL30264 Datasheet HTML 70Page - Microchip Technology ZL30264 Datasheet HTML 71Page - Microchip Technology ZL30264 Datasheet HTML 72Page - Microchip Technology ZL30264 Datasheet HTML 73Page - Microchip Technology ZL30264 Datasheet HTML 74Page - Microchip Technology ZL30264 Datasheet HTML 75Page - Microchip Technology ZL30264 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 93 page
background image
ZL30264-ZL30267
Data Sheet
72
© 2021 Microchip Technology Inc.
DS20006555A
Register Name:
OCxPH
Register Description:
Output Clock x Phase Adjust Register
Register Address:
OC1: 209h, OC2: 219h, OC3: 229h, OC4: 239h, OC5: 249h
OC6: 259h, OC7: 269h, OC8: 279h, OC9: 289h, OC10: 299h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
—
—
—
—
PHADJ[3:0]
Default
0
0
0
0
0
0
0
0
Bits 3 to 0: Phase Adjust Value (PHADJ[3:0]). This field can be used to adjust the phase of an output clock vs.
the phase of other clock outputs. The adjustment is in units of bank source clock cycles. For example, if the bank
source clock is 625MHz (from APLL1 for example) then one bank source clock cycle is 1.6ns, the smallest phase
adjustment is 0.8ns, and the adjustment range is ±5.6ns. Negative values mean earlier in time (leading) and
positive values mean later in time (lagging). See section 5.6.4.
0000 = 0 bank source clock cycles
1000 = -1.0 bank source clock cycles
0001 = 0.5
1001 = -0.5
0010 = 1.0
1010 = -2.0
0011 = 1.5
1011 = -1.5
0100 = 2.0
1100 = -3.0
0101 = 2.5
1101 = -2.5
0110 = 3.0
1110 = -4.0
0111 = 3.5
1111 = -3.5
Register Name:
OCxSTOP
Register Description:
Output Clock x Start Stop Register
Register Address:
OC1: 20Ah, OC2: 21Ah, OC3: 22Ah, OC4: 23Ah, OC5: 24Ah
OC6: 25Ah, OC7: 26Ah, OC8: 27Ah, OC9: 28Ah, OC10: 29Ah
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
—
SRC[3:0]
NEGLSD
MODE[1:0]
Default
0
0
0
0
1
1
0
0
Bits 6 to 3: Output Clock Stop Source (SRC[3:0]). This field specifies the source of the stop signal. See section
5.6.7.
0000 = Never stop
0001 = Logical OR of (the global MCR1.STOP bit) or (the OCx stop bit in the STOPCR registers)
0010 to 0111 = {unused values}
1000 = GPIO0
1001 = GPIO1
1010 = GPIO2
1011 = GPIO3
1100 to 1111 = {unused values}
Bit 2: NEGLSD Stop Behavior (NEGLSD). When an output pair is configured for two different frequencies in
2xCMOS mode (see section 5.6.2) this bit specifies the stop behavior for the pair. This field allows the user to trade
off stop reaction time vs. possible short pulse on the NEG pin.
0 = Stop when higher-speed POS signal has the appropriate edge (see MODE field below)
1 = Stop when lower-speed NEG signal has the appropriate edge.
Setting this bit to 1 guarantees no short high/low time for the POS signal and for the NEG signal, but stopping can
take a long time when the NEG pin is very low frequency, such as 2kHz or even 1Hz.
Setting this bit to 0 allows stopping to happen faster because it depends only on the frequency of the POS signal,
but the NEG signal may have a short high or low time when it stops. For some applications, such as when NEG is
a 1 pulse per second (PPS) signal, a short high or low time when NEG stops may not matter because NEG is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com