Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS20006554A Datasheet(PDF) 34 Page - Microchip Technology

Part # DS20006554A
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS20006554A Datasheet(HTML) 34 Page - Microchip Technology

Back Button DS20006554A Datasheet HTML 30Page - Microchip Technology DS20006554A Datasheet HTML 31Page - Microchip Technology DS20006554A Datasheet HTML 32Page - Microchip Technology DS20006554A Datasheet HTML 33Page - Microchip Technology DS20006554A Datasheet HTML 34Page - Microchip Technology DS20006554A Datasheet HTML 35Page - Microchip Technology DS20006554A Datasheet HTML 36Page - Microchip Technology DS20006554A Datasheet HTML 37Page - Microchip Technology DS20006554A Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 94 page
background image
ZL30260-ZL30263
Data Sheet
34
© 2021 Microchip Technology Inc.
DS20006554A
ADDR
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
240
OC5CR1
same as OC1 registers
…
…
24A
OC5STOP
OC6 Registers
250
OC6CR1
same as OC1 registers
…
…
25A
OC6STOP
OC7 Registers
260
OC7CR1
same as OC1 registers
…
…
26A
OC7STOP
OC8 Registers
270
OC8CR1
same as OC1 registers
…
…
27A
OC8STOP
OC9 Registers
280
OC9CR1
same as OC1 registers
…
…
28A
OC9STOP
OC10 Registers
290
OC10CR1
same as OC1 registers
…
…
29A
OC10STOP
Input Clock Configuration
300
XACR1
—
POL
DISMON
VALTIME[2:0]
HSDIV[1:0]
301
XACR2
XOAMP[7:0]
302
XACR3
XBCAP[3:0]
XACAP[3:0]
303
IC1CR1
—
POL
DISMON
VALTIME[2:0]
HSDIV[1:0]
304
IC2CR1
—
POL
DISMON
VALTIME[2:0]
HSDIV[1:0]
305
IC3CR1
—
POL
DISMON
VALTIME[2:0]
HSDIV[1:0]
6.3
Register Definitions
6.3.1
Global Configuration Registers
Register Name:
EESEL
Register Description:
EEPROM Memory Selection Register
Register Address:
00h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
EESEL
—
—
—
—
—
—
—
Default
0
0
0
0
0
0
0
0
Bit 7: EEPROM Memory Select (EESEL). This bit is a bank-select that specfies whether device register space or
EEPROM memory is mapped into addresses 0x1 and above. This applies only to the ZL30261 and ZL30263. The
ZL30260 and ZL30262 do not have internal EEPROM memory. Note that ROMSEL has priority over EESEL. See
sections 5.7 and 6.1.4.
0 = Device registers
1= EEPROM memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com