Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX79356 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX79356
Description  ZENO Flexible Narrowband OFDM Powerline Communication Modem with Integrated Analog Front End
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX79356 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX79356 Datasheet HTML 1Page - Maxim Integrated Products MAX79356 Datasheet HTML 2Page - Maxim Integrated Products MAX79356 Datasheet HTML 3Page - Maxim Integrated Products MAX79356 Datasheet HTML 4Page - Maxim Integrated Products MAX79356 Datasheet HTML 5Page - Maxim Integrated Products MAX79356 Datasheet HTML 6Page - Maxim Integrated Products MAX79356 Datasheet HTML 7Page - Maxim Integrated Products MAX79356 Datasheet HTML 8Page - Maxim Integrated Products MAX79356 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
(Limits are production tested at TA = +25°C. Limits over the operating temperature range and relevant supply voltage range are
guaranteed by design and characterization.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TRANSMITTER
Full-Scale Voltage,
CENELEC-A Band
Frequency = 50kHz
TXGAIN = 3
0.9
1.13
VPK
Full-Scale Voltage,
FCC Band
Frequency = 150kHz
TXGAIN = 3
0.56
0.85
VPK
Common-Mode Voltage
1.2
V
Noise and Spurious Signals,
with Respect to Average
Tone, CENELEC-A Band
Transmit signal
is all 36 tones,
TXGAIN = 3,
TA = +25°C
95kHz,
bandwidth = 200Hz
-65
dB
150kHz,
bandwidth = 9kHz
-63
500kHz,
bandwidth = 9kHz
-72.4
Noise and Spurious Signals,
with Respect to Average
Tone, ARIB Band
Transmit signal
is all 54 tones,
TXGAIN = 3,
TA = +25°C
450kHz
-46
dB
5000kHz
-62
Noise and Spurious Signals,
with Respect to Average
Tone, FCC Band
Transmit signal
is all 72 tones,
TXGAIN = 3,
TA = +25°C
535kHz
-44
dB
1700kHz
-64
Load Tolerance
100 x (NoLoadAmp/
WithLoadAmp - 1)
TXGAIN = 3, ZL = 4kΩ differential,
450kHz
1
%
RECEIVER
Input Bias Voltage
1.6
V
Common-Mode Rejection
RXGAIN = 24, common-mode input =
1.0V, 450kHz
58
dB
Differential Input Impedance
RXGAIN = 24
57
61
kΩ
RXGAIN = 23
66
71
RXGAIN = 22
54
58
RXGAIN = 19
67
71
RXGAIN = 18
54
58
RXGAIN = 0
54
68
Equivalent Input Noise,
CENELEC-A Band
RXGAIN = 24, VIN = 10mVPK,
bandwidth = 35kHz to 91.4kHz
30
µVRMS
Equivalent Input Noise,
FCC Band
RXGAIN = 24, VIN = 10mVPK,
bandwidth = 152kHz to 490kHz
109
µVRMS
MAX79356
ZENO Flexible Narrowband OFDM Powerline
Communication Modem with
Integrated Analog Front End
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com