Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77813 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX77813
Description  Accessible Test Points for EN, POK, and ILIM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77813 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX77813 Datasheet HTML 1Page - Maxim Integrated Products MAX77813 Datasheet HTML 2Page - Maxim Integrated Products MAX77813 Datasheet HTML 3Page - Maxim Integrated Products MAX77813 Datasheet HTML 4Page - Maxim Integrated Products MAX77813 Datasheet HTML 5Page - Maxim Integrated Products MAX77813 Datasheet HTML 6Page - Maxim Integrated Products MAX77813 Datasheet HTML 7Page - Maxim Integrated Products MAX77813 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX77813
MAX77813 Evaluation Kit
Note: Indicate that you are using the MAX77813 when contacting these component suppliers.
#Denotes a RoHS-compliant device that may include lead(Pb)
that is exempt under the RoHS requirements.
PART
QTY
DESCRIPTION
C1
1
10μF ±5%, 6.3V X5R ceramic capacitor (0603), TDK CGB3C1X5R0J106M065AC
C2, C8, C9
3
1μF ±10%, 6.3V X5R ceramic capacitor (0402), MURATA GRM155R60J105KE19
C3
1
0.1μF ±10%, 10V X5R ceramic capacitor (0402), TAIYO-YUDEN LMK105BJ104KV-F
C4
1
47μF ±20%, 6.3V X5R ceramic capacitor (0805), TDK C2012X5R0J476M125AC
J1
1
Right angle connector, 20-pins, SULLINS ELECTRONICS CORP. PPTC102LJBN-RC
JU1, JU2, JU3
3
Straight connector, 3-pins, SAMTEC TSW-103-07-L-S
JU4, JU5, JU6
3
Straight connector, 2-pins, SAMTEC TSW-102-07-T-S
L1
1
1μH ±20%, ISAT = 8.7A, DCR = 13.25mΩ, COILCRAFT XAL4020-102ME
R1
1
100kΩ ±1%, resistor (0402)
R2, R3
2
2.2kΩ ±1%, resistor (0402)
R4
1
0Ω, resistor (0402)
U1
1
Buck-boost (20-WLP), MAX77813EWP33+
U2
1
Voltage regulator, MAX8511EXK18+
—
1
PCB: MAX77813 EVALUATION KIT
Component List
Component Suppliers
SUPPLIER
PHONE
WEBSITE
TDK
847-803-6100
www.comopnent.tdk.com
MURATA
770-436-1300
www.murata-northamerica.com
TAIYO-YUDEN
603-669-7587
www.t-yuden.com
SULLINS ELECTRONICS CORP.
760-774-0125
www.sullinselectronics.com
SAMTEC
800-726-8329
www.samtec.com
COILCRAFT
847-639-6400
www.coilcraft.com
Ordering Information
PART
TYPE
MAX77813EVKIT#
EV Kit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com