Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77597 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX77597
Description  Simple Two-Layer Board Serves as a Reference Design
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77597 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX77597 Datasheet HTML 1Page - Maxim Integrated Products MAX77597 Datasheet HTML 2Page - Maxim Integrated Products MAX77597 Datasheet HTML 3Page - Maxim Integrated Products MAX77597 Datasheet HTML 4Page - Maxim Integrated Products MAX77597 Datasheet HTML 5Page - Maxim Integrated Products MAX77597 Datasheet HTML 6Page - Maxim Integrated Products MAX77597 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX77597
MAX77597 Evaluation Kit
MAX77597 EV Kit Bill of Materials
ITEM
REF_DES
DNI/DNP
QTY
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
1
C1
—
1
GRM188R6YA475KE15D
Murata
4.7µF
CAPACITOR; SMT (0603); CERAMIC CHIP; 4.7µF; 16V; TOL = 10%;
MODEL = ; TG = -55°C TO +85°C; TC = X5R ; FORMFACTOR
2
C2
—
1
GRM188R61A105KA61D
Murata
1µF
CAPACITOR; SMT (0603); CERAMIC CHIP; 1UF; 25V; TOL = 10%;
MODEL = GRM SERIES; TG = -55°C TO +125°C; TC = X7R;
FORMFACTOR
3
C3
—
1
GRM155R61A104KA01D
Murata
0.1µF
CAPACITOR; SMT; 0402; CERAMIC; 0.1µF; 10V; 10%; X5R;
-55°C to + 125°C; 0 ±30PPM/°C; FORMFACTOR ;
4
C4-C6
—
3
GRM188R61A226ME15D
Murata
22µF
CAPACITOR; SMT (0603); CERAMIC CHIP; 22UF; 10V; TOL = 20%;
MODEL = CL SERIES; TG = -55°C TO +85°C; TC = X5R; FORMFACTOR
5
C8
—
1
GRM1555C1H5R6BA01D
Murata
5.6PF
CAPACITOR; SMT; 0402; CERAMIC; 5.6pF; 50V; 0.25%; C0G;
-55°C to + 125°C; 0 ±30PPM/°C
6
GND1, GND2,
VIN, VOUT
—
4
9020 BUSS
WEICO WIRE
MAXIMPAD
EVK KIT PARTS; MAXIM PAD; WIRE; NATURAL; SOLID;
WEICO WIRE; SOFT DRAWN BUS TYPE-S; 20AWG
7
J1, J2
—
2
TSW-103-07-L-S
SAMTEC
TSW-103-07-L-S
CONNECTOR; THROUGH HOLE; SINGLE ROW; STRAIGHT; 3PINS
8
L1
—
1
DFE252012F-100M
TOKO
10µH
INDUCTOR; SMT (2520); METAL ALLOY CHIP; 10µH;
TOL = ±30%; 1.4A; FORMFACTOR
9
R1
—
1
CRCW0402100KFK;
RC0402FR-07100KL
VISHAY;YAGEO
100K
RESISTOR; 0402; 100K; 1%; 100PPM; 0.0625W; THICK FILM
10
R4
—
1
ANY
ANY
0
RESISTOR; 0402; 0Ω; 1%; 100PPM; 0.0625W;
THICK FILM; FORMFACTOR
11
RESETB
—
1
5000
KEYSTONE
N/A
TEST POINT; PIN DIA = 0.1IN; TOTAL LENGTH = 0.3IN;
BOARD HOLE = 0.04IN; RED;
PHOSPHOR BRONZE WIRE SILVER PLATE FINISH;
12
U1
—
1
MAX77597ETBB+
MAXIM
MAX77597ETBB+
IC; CONV; 300MA; BUCK CONVERTER WITH 1.1 MICRO-AMPERE IQ;
PACKAGE OUTLINE DRAWING: 21-100013;
LAND PATTERN NUMBER: 90-100007;
PACKAGE CODE: T102A2+1C; TDFN10-EP
13
PCB
—
1
MAX77597
MAXIM
PCB
PCB:MAX77597
14
C7
DNP
0
TPSD226K035R0125
AVX
22UF
CAPACITOR; SMT; 7343; TANTALUM; 22uF; 35V ; 10%; TPS;
-55°C to +125°C
15
R3
DNP
0
N/A
N/A
OPEN
RESISTOR; 0402; OPEN; FORMFACTOR
TOTAL
19



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com