Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77504 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX77504
Description  Sense Points for High-Accuracy Measurements
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77504 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX77504 Datasheet HTML 1Page - Maxim Integrated Products MAX77504 Datasheet HTML 2Page - Maxim Integrated Products MAX77504 Datasheet HTML 3Page - Maxim Integrated Products MAX77504 Datasheet HTML 4Page - Maxim Integrated Products MAX77504 Datasheet HTML 5Page - Maxim Integrated Products MAX77504 Datasheet HTML 6Page - Maxim Integrated Products MAX77504 Datasheet HTML 7Page - Maxim Integrated Products MAX77504 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX77504
(MAX77504AAWE+/MAX77504BAWE+)
MAX77504 WLP Evaluation Kit
MAX77504 EV Kit Bill of Materials
PART
QTY
MFG PART #
MANUFACTURER
DESCRIPTION
C1
1
C1608X5R1E106M080AC
TDK
10μF ±10%, 10V X5R CERAMIC CAPACITOR (0603)
C3
1
ANY
ANY
2.2μF ±10%, 6.3V X5R CERAMIC CAPACITOR (0402)
C4
1
GRM1555C1H2R2BA01
MURATA
2.2pF ±5%, 50V C0G CERAMIC CAPACITOR (0402)
C5, C6, C7
3
C1608X5R1A226M080AC
TDK
22μF ±20%, 10V X5R CERAMIC CAPACITOR (0603)
C13
1
ANY
ANY
0.22μF ±10%, 16V X7R CERAMIC CAPACITOR (0402)
J1, J2
2
TSW-103-07-T-S
SAMTEC
STRAIGHT CONNECTOR, 3 PINS
J7
1
TSW-102-07-T-S
SAMTEC
STRAIGHT CONNECTOR, 2 PINS
L1
1
FDSD0412-H-1R5M
MURATA
1.5μH ±20%, ISAT=5.5A, DCR=53mΩ
R2, R5
1
ANY
ANY
0Ω, RESISTOR (0402)
R3
1
ERJ-2RKF4992
PANASONIC
49.9kΩ, RESISTOR (0402)
R4
1
TNPW040211K1BE
VISHAY
11.1kΩ, RESISTOR (0402)
U1
1
MAX77504AAWE+
MAXIM
BUCK (16 WLP), MAX77504AAWE+
Components below this line are outside of the immediate MAX77504 evaluation circuit and solution silkscreen.
C9
1
ANY
ANY
0.1μF ±10%, 10V X5R CERAMIC CAPACITOR (0402)
C11
1
TPSC107K016R0200
AVX
100μF ±10%, 16V TANTALUM CAPACITOR (6032)
EN, FPWM,
POK, POT, SEL
5
5002
KEYSTONE
TEST POINT; PIN DIA=0.1IN; TOTAL LENGTH=0.3IN;
BOARD HOLE=0.04IN; WHITE; PHOSPHOR BRONZE
WIRE SILVER;
GND, GND2-
GND5, OUT,
SUP
4
9020 BUSS
WEICO WIRE
EVK KIT PARTS; MAXIM PAD; WIRE; NATURAL;
SOLID; WEICO WIRE; SOFT DRAWN BUS TYPE-S;
20AWG
J3, J4, J5
3
TSW-102-07-T-S
SAMTEC
STRAIGHT CONNECTOR, 2 PINS
LX, OUT1
2
SS-102-TT-2
SAMTEC
IC-SOCKET; SIP; STRAIGHT; PRECISION MACHINED
SOCKET STRIP; OPEN FRAME; 2PINS; 100MIL
OUTS, SUPS,
VL
3
5000
KEYSTONE
TEST POINT; PIN DIA=0.1IN; TOTAL LENGTH=0.3IN;
BOARD HOLE=0.04IN; RED; PHOSPHOR BRONZE
WIRE SILVER PLATE FINISH;
R1
1
CRCW0402100KFK
VISHAY
100kΩ ±1%, RESISTOR (0402)
R6
1
3296Y-1-204LF
BOURNS
RESISTOR; THROUGH HOLE-RADIAL LEAD; 3296
SERIES; 200K OHM; 10%; 100PPM; 0.5W
PCB
1
MAX77504 SOLDERDOWN
MAXIM
PCB:MAX77504SOLDERDOWN
C2, C8, C10
0
N/A
N/A
CAPACITOR; SMT (0603); OPEN; FORMFACTOR
C12
0
N/A
N/A
CAPACITOR; SMT (0402); OPEN; FORMFACTOR
R7, R8, R12
0
N/A
N/A
RESISTOR; 0402; OPEN; FORMFACTOR



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com