Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77503 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX77503
Description  Proven PCB Reference Design and Layout
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77503 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX77503 Datasheet HTML 1Page - Maxim Integrated Products MAX77503 Datasheet HTML 2Page - Maxim Integrated Products MAX77503 Datasheet HTML 3Page - Maxim Integrated Products MAX77503 Datasheet HTML 4Page - Maxim Integrated Products MAX77503 Datasheet HTML 5Page - Maxim Integrated Products MAX77503 Datasheet HTML 6Page - Maxim Integrated Products MAX77503 Datasheet HTML 7Page - Maxim Integrated Products MAX77503 Datasheet HTML 8Page - Maxim Integrated Products MAX77503 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX77503
MAX77503 Evaluation Kit
EV Kit Default Configuration
● VIN (SUP) = 3V to 14V
● VOUT = 1.2V, 1.8V, or 3.3V depending on ordering
option. Output is further adjustable:
• 0.8V to 5V for internal feedback. See the Setting
the Output Voltage (Internal Feedback Version)
section.
• 1.55V to 99%VSUP for external feedback. See the
Setting the Output Voltage (External Feedback
Version) section.
● IOUT = 1.5A maximum
● SKIP mode enabled (MODE = 0)
● 1ms soft-start time (tSS)
● 2A peak inductor current limit (ILX-PEAK)
● Active discharge enabled (ADEN = 1, internal
feedback versions only)
• Active discharge function not available for external
feedback version.
Quick-Start
Required Equipment
● MAX77503 EV kit
● Power supply with 15V and 2A capability
● Two digital voltmeters (DVM)
● Ammeter
● Windows-based PC
● Micro-USB cable
● GUI
Note: In the following sections, software-related items are
identified by bolding. Text in
bold refers to items directly
from the EV kit software. Text in
bold and underlined
refers to items from the Windows operating system.
Procedure
1) Install EV kit shunts per Table 1.
2) Connect a DVM to the SUPS and GNDS terminals to
measure input voltage.
Table 1. Default Shunt Positions and Jumper Descriptions
REFERENCE
DESIGNATOR
DEFAULT
POSITION
FUNCTION
J1
1-2
1-2: Connects EN to VSUP
2-3: Connects EN to GND
J2
1-2
1-2: Connects BIASEN to VIO
2-3: Connects BIASEN to GND
J6
1-2
1-2: Connects POK to OUT through a 100kΩ resistor.
J100
N/A
J100 is an evaluation header. Do not connect shunts to J100.
J101
2-3
1-2: Sets the I2C bus voltage to the 3.3V EV kit logic rail.
2-3: Sets the I2C bus voltage to the 1.8V EV kit logic rail.
J102
Open
1-2: Connects VUSB to VSUP through Schottky diode, D1. Install this jumper to power the
MAX77503 VSUP from VUSB. This jumper allows for communication with the MAX77503
through the on-board USB-to-I2C translator without the need for an external power supply.
Note: Remove this jumper any time an external power supply is applied as an input source.
J203
1-2
1-2: Connects the output of the MAX5805 DAC to drive the on board electronic load.
J204
1-2
1-2: Connects the U202 amplifier to the gate of the Q202 load MOSFET.
2-3: Connects the U202 amplifier to the gate of the Q201 depopulated TO-220
electronic load MOSFET.
J205
J206
1-2
1-2: Connects OUT to the onboard electronic load (each jumper supports up to 1A).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com