Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893AG Datasheet(PDF) 21 Page - Integrated Circuit Systems

Part # ICS1893AG
Description  3.3 V 10Base-T/100Base-TX Integrated PHYceiver-TM
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893AG Datasheet(HTML) 21 Page - Integrated Circuit Systems

Back Button ICS1893AG Datasheet HTML 17Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 18Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 19Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 20Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 21Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 22Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 23Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 24Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 25Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 135 page
background image
Chapter 5 Operating Modes Overview
ICS1893AG, Rev. A 04/14/05
April, 2005
21
ICS1893AG Data Sheet - Preliminary
Copyright © 2005, Integrated Circuit Systems, Inc.
All rights reserved.
5.3 Automatic Power-Saving Operations
The ICS1893AG has power-saving features that automatically minimize its total power consumption while
it is operating. Table 5-1 lists the ICS1893AG automatic power-saving features for the various modes.
5.4 Auto-Negotiation Operations
The ICS1893AG has an Auto-Negotiation sublayer and provides a Control Register bit (bit 0.12) to
determine whether its Auto-Negotiation sublayer is enabled or disabled.
When enabled, the ICS1893AG Auto-Negotiation sublayer exchanges technology capability data with its
remote link partner and automatically selects the highest-performance operating mode it has in common
with its remote link partner. For example, if the ICS1893AG supports 100Base-TX and 10Base-T modes –
but its link partner supports 100Base-TX and 100Base-T4 modes – the two devices automatically select
100Base-TX as the highest-performance common operating mode. For details regarding initialization and
control of the auto-negotiation process, see Section 7.2, “Functional Block: Auto-Negotiation”.
Table 5-1. Automatic Power-Saving Features, 10Base-T and 100Base-TX Modes
Power-
Saving
Feature
Mode for ICS1893AG
10Base-T Mode
100Base-TX Mode
Disable Inter-
nal Modules
In 10Base-T mode, the ICS1893AG
disables all its internal 100Base-TX
modules.
In 100Base-TX mode, the ICS1893AG
disables all its internal 10Base-T modules.
STA Control
of Automatic
Power-
Saving
Features
When an STA sets the state of the
ICS1893AG Extended Control Register 2,
bit 19.0 to logic:
• Zero, the 100Base-TX modules always
remain enabled, even during 10Base-T
operations.
• One, the ICS1893AG automatically
disables 100Base-TX modules while the
ICS1893AG is operating in 10Base-T
mode.
When an STA sets the state of the
ICS1893AG Extended Control Register 2,
bit 19.1 to logic:
• Zero, the 10Base-T modules always
remain enabled, even during
100Base-TX operations.
• One, the ICS1893AG automatically
disables 10Base-T modules while the
ICS1893AG is operating in 100Base-TX
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com