Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC02-20P Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # IPC02-20P
Description  RFID Transponder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

IPC02-20P Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  IPC02-20P Datasheet HTML 1Page - Pepperl+Fuchs Inc. IPC02-20P Datasheet HTML 2Page - Pepperl+Fuchs Inc. IPC02-20P Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data
Ambient temperature
-20 ... 85 °C (-4 ... 185 °F)
Storage temperature
-20 ... 85 °C (-4 ... 185 °F)
Mechanical specifications
Degree of protection
IP68 / IP69K
Material
Housing
PC (Polycarbonate)
Encapsulation compound
Epoxy
Installation
In air
yes
Construction type
Cylindrical
RFID Transponder
IPC02-20P
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com